Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM27313XMF/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM27313XMF/NOPB
Description  LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27313XMF/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM27313XMF/NOPB Datasheet HTML 1Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM27313, LM27313-Q1
www.ti.com
SNVS487E – DECEMBER 2006 – REVISED JANUARY 2015
6.6 Electrical Characteristics
Unless otherwise specified: VIN = 5 V, VSHDN = 5 V, IL = 0 mA, and TJ = 25°C. Minimum and Maximum limits are ensured
through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are
provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input Voltage
−40°C ≤ TJ ≤ +125°C
2.7
14
V
ISW
Switch Current Limit
See(1)
0.80
1.25
A
RDS(ON)
Switch ON Resistance
ISW = 100 mA
500
650
m
Ω
Device ON,
−40°C ≤ TJ ≤ +125°C
1.5
VSHDN(TH)
Shutdown Threshold
V
Device OFF,
−40°C ≤ TJ ≤
0.50
+125°C
VSHDN = 0
0
VSHDN = 5 V
0
2
ISHDN
Shutdown Pin Bias Current
µA
VSHDN = 5 V, −40°C ≤ TJ ≤
+125°C
VIN = 3 V
1.230
VFB
Feedback Pin Reference Voltage
V
VIN = 3 V, −40°C ≤ TJ ≤ +125°C
1.205
1.255
IFB
Feedback Pin Bias Current
VFB = 1.23 V
60
nA
VSHDN = 5 V, Switching
2.1
mA
VSHDN = 5 V, Switching, −40°C ≤
3.0
TJ ≤ +125°C
IQ
Quiescent Current
VSHDN = 5 V, Not Switching
400
VSHDN = 5 V, Not Switching,
500
µA
−40°C ≤ TJ ≤ +125°C
VSHDN = 0
0.024
1
ΔVFB/ΔVIN
FB Voltage Line Regulation
2.7 V
≤ VIN ≤ 14 V
0.02
%/V
1.6
fSW
Switching Frequency
MHz
−40°C ≤ TJ ≤ +125°C
1.15
1.90
88%
DMAX
Maximum Duty Cycle
−40°C ≤ TJ ≤ +125°C
80%
IL
Switch Leakage
Not Switching, VSW = 5 V
1
µA
(1)
Switch current limit is dependent on duty cycle. Limits shown are for duty cycles
≤ 50%. See Figure 15.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM27313 LM27313-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com