Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM27313XMF/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM27313XMF/NOPB
Description  LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27313XMF/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM27313XMF/NOPB Datasheet HTML 12Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 13Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 14Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 15Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 16Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 17Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 18Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 19Page - Texas Instruments LM27313XMF/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
LM27313
SW
FB
GND
VIN
SHDN
U1
R3
51k
SHDN
GND
5 VIN
C1
2.2 2F
R2
13.3k
CF
120 pF
D1
MBR0530
R1/205k
L1/10 2H
C2
4.7 2F
20V
OUT
130 mA
(TYP)
LM27313, LM27313-Q1
SNVS487E – DECEMBER 2006 – REVISED JANUARY 2015
www.ti.com
Typical Applications (continued)
8.2.2 Application Circuit VIN=5.0V, VOUT=20.0V, Iload=150mA
Figure 20. Typical Application Circuit
Figure 21. Efficiency vs. Load Current
8.2.2.1 Design Requirements
See Design Requirements.
8.2.2.2 Detailed Design Procedure
See Detailed Design Procedure.
8.2.2.3 Application Curves
See Application Curves.
16
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM27313 LM27313-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com