Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NX3L1G53 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NX3L1G53
Description  Low-ohmic single-pole double-throw analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L1G53 Datasheet(HTML) 5 Page - NXP Semiconductors

  NX3L1G53_15 Datasheet HTML 1Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 2Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 3Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 4Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 5Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 6Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 7Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 8Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
NX3L1G53
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 8 February 2013
5 of 24
NXP Semiconductors
NX3L1G53
Low-ohmic single-pole double-throw analog switch
9.
Limiting values
[1]
The minimum input voltage rating may be exceeded if the input current rating is observed.
[2]
The minimum and maximum switch voltage ratings may be exceeded if the switch clamping current rating is observed but may not
exceed 4.6 V.
[3]
For XSON8 and XQFN8 packages: above 118
C the value of P
tot derates linearly with 7.8 mW/K.
10. Recommended operating conditions
[1]
To avoid sinking GND current from terminal Z when switch current flows in terminal Yn, the voltage drop across the bidirectional switch
must not exceed 0.4 V. If the switch current flows into terminal Z, no GND current will flow from terminal Yn. In this case, there is no limit
for the voltage drop across the switch.
[2]
Applies to control signals.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+4.6
V
VI
input voltage
select input S and enable input E
[1]
0.5
+4.6
V
VSW
switch voltage
[2]
0.5
VCC + 0.5 V
IIK
input clamping current
VI < 0.5 V
50
-
mA
ISK
switch clamping current
VI < 0.5 V or VI >VCC + 0.5 V
-
50
mA
ISW
switch current
VSW > 0.5 V or VSW < VCC + 0.5 V;
source or sink current
-
350
mA
VSW > 0.5 V or VSW < VCC + 0.5 V;
pulsed at 1 ms duration, < 10 % duty cycle;
peak current
-
500
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 Cto +125 C
[3] -250
mW
Table 6.
Recommended operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.4
4.3
V
VI
input voltage
select input S and enable input E
04.3
V
VSW
switch voltage
[1] 0VCC
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
VCC = 1.4 V to 4.3 V
[2] -
200
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com