Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NX3L1G53 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # NX3L1G53
Description  Low-ohmic single-pole double-throw analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L1G53 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button NX3L1G53_15 Datasheet HTML 10Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 11Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 12Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 13Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 14Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 15Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 16Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 17Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
NX3L1G53
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 8 February 2013
14 of 24
NXP Semiconductors
NX3L1G53
Low-ohmic single-pole double-throw analog switch
12.2 Additional dynamic characteristics
[1]
fi is biased at 0.5VCC.
Table 11.
Test data
Supply voltage
Input
Load
VCC
VI
tr, tf
CL
RL
1.4 V to 4.3 V
VCC
 2.5ns
35pF
50
Table 12.
Additional dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); VI = GND or VCC (unless otherwise
specified); tr =tf 2.5 ns; Tamb =25 C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
THD
total harmonic
distortion
fi =20Hzto20 kHz; RL =32 ; see Figure 19
[1]
VCC =1.4 V; VI = 1 V (p-p)
-
0.15
-
%
VCC =1.65V; VI = 1.2 V (p-p)
-
0.10
-
%
VCC =2.3 V; VI = 1.5 V (p-p)
-
0.02
-
%
VCC =2.7 V; VI = 2 V (p-p)
-
0.02
-
%
VCC =4.3 V; VI = 2 V (p-p)
-
0.02
-
%
f(3dB)
3 dB frequency
response
RL =50 ; see Figure 20
[1]
VCC = 1.4 V to 4.3 V
-
60
-
MHz
iso
isolation (OFF-state)
fi = 100 kHz; RL =50 ; see Figure 21
[1]
VCC = 1.4 V to 4.3 V
-
90
-
dB
Vct
crosstalk voltage
between digital inputs and switch;
fi = 1 MHz; CL = 50 pF; RL =50 ; see Figure 22
VCC = 1.4 V to 3.6 V
-
0.2
-
V
VCC = 3.6 V to 4.3 V
-
0.3
-
V
Xtalk
crosstalk
between switches;
fi = 100 kHz; RL =50 ;see Figure 23
[1]
VCC = 1.4 V to 4.3 V
-
90
-
dB
Qinj
charge injection
fi = 1 MHz; CL = 0.1 nF; RL =1 M; Vgen =0V;
Rgen =0 ; see Figure 24
VCC = 1.5 V
-
3
-
pC
VCC = 1.8 V
-
4
-
pC
VCC =2.5 V
-
6
-
pC
VCC =3.3 V
-
9
-
pC
VCC =4.3 V
-
15
-
pC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com