Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MX28F2000PPC-90C4 Datasheet(PDF) 3 Page - Macronix International

Part # MX28F2000PPC-90C4
Description  2M-BIT [256K x 8] CMOS FLASH MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F2000PPC-90C4 Datasheet(HTML) 3 Page - Macronix International

  MX28F2000PPC-90C4 Datasheet HTML 1Page - Macronix International MX28F2000PPC-90C4 Datasheet HTML 2Page - Macronix International MX28F2000PPC-90C4 Datasheet HTML 3Page - Macronix International MX28F2000PPC-90C4 Datasheet HTML 4Page - Macronix International MX28F2000PPC-90C4 Datasheet HTML 5Page - Macronix International MX28F2000PPC-90C4 Datasheet HTML 6Page - Macronix International MX28F2000PPC-90C4 Datasheet HTML 7Page - Macronix International MX28F2000PPC-90C4 Datasheet HTML 8Page - Macronix International MX28F2000PPC-90C4 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
P/N: PM0380
REV. 1.5, OCT 29, 1998
MX28F2000P
PIN CONFIGURATIONS
32 PDIP
TSOP (TYPE 1)
(REVERSE TYPE)
(NORMAL TYPE)
32 PLCC
SYMBOL
PIN NAME
A0~A17
Address Input
Q0~Q7
Data Input/Output
CE
Chip Enable Input
OE
Output Enable Input
WE
Write enable Pin
VPP
Program Supply Voltage
VCC
Power Supply Pin (+5V)
GND
Ground Pin
PIN DESCRIPTION:
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
Q0
Q1
Q2
GND
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE
A17
A14
A13
A8
A9
A11
OE
A10
CE
Q7
Q6
Q5
Q4
Q3
1
4
5
9
13
14
17
20
21
25
29
32
30
A14
A13
A8
A9
A11
OE
A10
CE
Q7
A7
A6
A5
A4
A3
A2
A1
A0
Q0
MX28F2000P
A11
A9
A8
A13
A14
A17
WE
VCC
VPP
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE
A10
CE
Q7
Q6
Q5
Q4
Q3
GND
Q2
Q1
Q0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
MX28F2000P
OE
A10
CE
Q7
Q6
Q5
Q4
Q3
GND
Q2
Q1
Q0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
A14
A17
WE
VCC
VPP
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
MX28F2000P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com