Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MX28F2000PPC-90C4 Datasheet(PDF) 7 Page - Macronix International

Part # MX28F2000PPC-90C4
Description  2M-BIT [256K x 8] CMOS FLASH MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F2000PPC-90C4 Datasheet(HTML) 7 Page - Macronix International

Back Button MX28F2000PPC-90C4 Datasheet HTML 3Page - Macronix International MX28F2000PPC-90C4 Datasheet HTML 4Page - Macronix International MX28F2000PPC-90C4 Datasheet HTML 5Page - Macronix International MX28F2000PPC-90C4 Datasheet HTML 6Page - Macronix International MX28F2000PPC-90C4 Datasheet HTML 7Page - Macronix International MX28F2000PPC-90C4 Datasheet HTML 8Page - Macronix International MX28F2000PPC-90C4 Datasheet HTML 9Page - Macronix International MX28F2000PPC-90C4 Datasheet HTML 10Page - Macronix International MX28F2000PPC-90C4 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
P/N: PM0380
REV. 1.5, OCT 29, 1998
MX28F2000P
COMMAND DEFINITIONS
When low voltage is applied to the VPP pin, the con-
tents of the command register default to 00H, enabling
read-only operation.
Placing high voltage on the VPP pin enables read/write
operations. Device operations are selected by writing
specific data patterns into the command register. Ta-
ble 1 defines these MX28F2000P register commands.
Table 2 defines the bus operations of MX28F2000P.
TABLE 2. MX28F2000P BUS OPERATIONS
OPERATION
VPP(1)
A0
A9
CE
OE
WE
DQ0-DQ7
READ-ONLY
Read
VPPL
A0
A9
VIL
VIL
VIH
Data Out
Output Disable
VPPL
X
X
VIL
VIH
VIH
Tri-State
Standby
VPPL
X
X
VIH
X
X
Tri-State
Read Silicon ID (Mfr)(2)
VPPL
VIL
VID(3)
VIL
VIL
VIH
Data = C2H
Read Silicon ID (Device)(2)
VPPL
VIH
VID(3)
VIL
VIL
VIH
Data = 2AH
READ/WRITE
Read
VPPH
A0
A9
VIL
VIL
VIH
Data Out(4)
Standby(5)
VPPH
X
X
VIH
X
X
Tri-State
Write
VPPH
A0
A9
VIL
VIH
VIL
Data In(6)
NOTES:
1. VPPL may be grounded, a no-connect with a resistor tied
to ground, or < VCC + 2.0V. VPPH is the programming
voltage specified for the device. When VPP = VPPL,
memory contents can be read but not written or erased.
2. Manufacturer and device codes may also be accessed
via a command register write sequence. Refer to Table
1. All other addresses don't care.
3. VID is the Silicon-ID-Read high voltage.(11.5V to 13v)
4. Read operations with VPP = VPPH may access array
data or Silicon ID codes.
5. With VPP at high voltage, the standby current equals ICC
+ IPP (standby).
6. Refer to Table 1 for valid Data-In during a write operation.
7. X can be VIL or VIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com