Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MJE13003L-X-TN3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # MJE13003L-X-TN3-R
Description  NPN SILICON POWER TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003L-X-TN3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  MJE13003L-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies MJE13003L-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies MJE13003L-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies MJE13003L-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies MJE13003L-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies MJE13003L-X-TN3-R Datasheet HTML 6Page - Unisonic Technologies MJE13003L-X-TN3-R Datasheet HTML 7Page - Unisonic Technologies MJE13003L-X-TN3-R Datasheet HTML 8Page - Unisonic Technologies MJE13003L-X-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MJE13003
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R204-004.T
APPLICATION INFORMATION
Table 1.Test Conditions for Dynamic Performance
Reverse Bias Safe Operating Area and Inductive Switching
Resistive
Switching
+125V
RB
D1
-4.0V
SCOPE
Rc
TUT
Coil Data :
GAP for 30 mH/2 A
VCC=20V
Ferroxcube core #6656
LCOIL=50mH
VCLAMP=300V
Full Bobbin ( ~ 200 Turns) #20
VCC=125V
RC=125Ω
D1=1N5820 or
Equiv.
RC=47Ω
Output Waveforms
+10.3 V
25μS
0
-8.5V
tr, tf<10ns
Duty Cycly=1.0%
RB and Rc adjusted
for desired IB and Ic
Ic
(A)
Tc
(°C)
tsv
(μs)
tRV
(μs)
tFI
(μs)
tTI
(μs)
tc
(μs)
0.5
1
1.5
25
100
1.3
1.6
0.23
0.26
0.30
0.30
0.35
0.40
0.30
0.36
25
100
1.5
1.7
0.10
0.13
0.14
0.26
0.05
0.06
0.16
0.29
25
100
1.8
3
0.07
0.08
0.10
0.22
0.05
0.08
0.16
0.28
Table 2. Typical Inductive Switching Performance
Note: All Data Recorded in the Inductive Switching
Circuit in Table 1
Time
ICPK
90% Vclamp
IC
tsv
tRV
tFI
tTI
VCLAMP
10% VCLAMP
tc
90% Ic
2% Ic
10%
ICPK
VCE
IB
90% IB1
Fig.1 Inductive Switching Measurements



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com