Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MJE13003L-X-TN3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # MJE13003L-X-TN3-R
Description  NPN SILICON POWER TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003L-X-TN3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  MJE13003L-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies MJE13003L-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies MJE13003L-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies MJE13003L-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies MJE13003L-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies MJE13003L-X-TN3-R Datasheet HTML 6Page - Unisonic Technologies MJE13003L-X-TN3-R Datasheet HTML 7Page - Unisonic Technologies MJE13003L-X-TN3-R Datasheet HTML 8Page - Unisonic Technologies MJE13003L-X-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MJE13003
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R204-004.T
SWITCHING TIMES NOTE
In resistive switching circuits, rise, fall, and storage times have been defined and apply to both current and voltage
waveforms since they are in phase. However, for inductive loads, which are common to switch mode power supplies
and hammer drivers, current and voltage waveforms are not in phase. Therefore, separate measurements must be
made on each waveform to determine the total switching time. For this reason, the following new terms have been
defined.
tSV = Voltage Storage Time, 90% IB1 to 10% VCLAMP
tRV = Voltage Rise Time, 10 ~ 90% VCLAMP
tFI= Current Fall Time, 90 ~ 10% IC
tTI = Current Tail, 10 ~ 2% IC
tC = Crossover Time, 10% VCLAMP to 10% IC
For the designer, there is minimal switching loss during storage time and the predominant switching power losses
occur during the crossover interval and can be obtained using the standard equation:
PSWT = 1/2 VCCIC (tC) f
In general, tRV + tFI ≈ tC. However, at lower test currents this relationship may not be valid.
As is common with most switching transistors, resistive switching is specified at 25°C and has become a
benchmark for designers. However, for designers of high frequency converter circuits, the user oriented
specifications which make this transistor are the inductive switching speeds (tC and tSV) which are guaranteed at
100°C.
RESISTIVE SWITCHING PERFORMANCE
0.02
0.05
0.5
2
1
0.7
0.2
0.1
0.02
0.1
0.2
0.3
Collector Current, IC (A)
tR
20
tD @ VBE(OFF)=5V
Vcc=125V
Ic/IB=5
TJ=25°C
0.07
0.02
0.05
1
10
7
2
1
0.5
0.2
0.1
0.2
0.5
2
0.3
0.1
ts
0.5
0.3
0.05
0.03
0.03
0.07
0.7 10
Vcc=125V
Ic/IB=5
TJ=25°C
tF
5
3
0.7
0.03
0.07
0.3
0.7
Collector Current, IC (A)
Fig.2 Turn-On Time
Fig.3 Turn-Off Time
Fig.4 Thermal Response



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com