Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SY100S331JC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100S331JC
Description  TRIPLE D FLIP-FLOP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S331JC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100S331JC Datasheet HTML 1Page - Micrel Semiconductor SY100S331JC Datasheet HTML 2Page - Micrel Semiconductor SY100S331JC Datasheet HTML 3Page - Micrel Semiconductor SY100S331JC Datasheet HTML 4Page - Micrel Semiconductor SY100S331JC Datasheet HTML 5Page - Micrel Semiconductor SY100S331JC Datasheet HTML 6Page - Micrel Semiconductor SY100S331JC Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
SY100S331
Micrel
TIMING DIAGRAMS
Propagation Delay (Clock) and Transition Times
OUTPUT
DATA
20%
80%
50%
tPLH
tPHL
tTLH
tTHL
0.7
± 0.1 ns
0.7
± 0.1 ns
–0.95V
–1.69V
CLOCK
OUTPUT
tPHL
tPLH
50%
1/fmax
tpw (H)
NOTE:
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
OUTPUT
SDn, CDn
MS, MR
50%
tPLH
tPHL
+0.31V
CLOCK
OUTPUT
tPHL
tPLH
50%
tpw (H)
20%
80%
50%
0.7
± 0.1 ns
0.7
± 0.1 ns
+1.05V
tS (RELEASE TIME)
20%
80%
50%
Propagation Delay (Sets and Resets)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com