Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4890M/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM4890M/NOPB
Description  1 Watt Audio Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4890M/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4890M/NOPB Datasheet HTML 2Page - Texas Instruments LM4890M/NOPB Datasheet HTML 3Page - Texas Instruments LM4890M/NOPB Datasheet HTML 4Page - Texas Instruments LM4890M/NOPB Datasheet HTML 5Page - Texas Instruments LM4890M/NOPB Datasheet HTML 6Page - Texas Instruments LM4890M/NOPB Datasheet HTML 7Page - Texas Instruments LM4890M/NOPB Datasheet HTML 8Page - Texas Instruments LM4890M/NOPB Datasheet HTML 9Page - Texas Instruments LM4890M/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LM4890
SNAS138L – SEPTEMBER 2001 – REVISED MAY 2013
www.ti.com
Electrical Characteristics VDD = 3V
(1)(2)(3) (continued)
The following specifications apply for the circuit shown in Figure 7 unless otherwise specified. Limits apply for TA = 25°C.
LM4890
Units
Parameter
Test Conditions
(Limits)
Typical(4)
Limit(5) (6)
VOS
Output Offset Voltage
7
50
mV (max)
ROUT-GND
Resistor Output to Gnd(7)
9.7
k
Ω (max)
8.5
7.0
k
Ω (min)
TWU
Wake-up time
120
180
ms (max)
Po
Output Power (8
Ω)
THD = 1% (max); f = 1kHz
0.31
0.28
W
TSD
Thermal Shutdown Temperature
150
°C(min)
170
190
°C(max)
THD+N
Total Harmonic Distortion + Noise
Po = 0.15Wrms; f = 1kHz
0.1
%
PSRR
Power Supply Rejection Ratio(8)
Vripple = 200mV sine p-p
56 (f = 217Hz)
45
dB(min)
Input terminated with 10 ohms to
62 (f = 1kHz)
ground
(7)
ROUT is measured from each of the output pins to ground. This value represents the parallel combination of the 10k ohm output
resistors and the two 20k ohm resistors.
(8)
PSRR is a function of system gain. Specifications apply to the circuit in Figure 7 where AV = 2. Higher system gains will reduce PSRR
value by the amount of gain increase. A system gain of 10 represents a gain increase of 14dB. PSRR will be reduced by 14dB and
applies to all operating voltages.
Electrical Characteristics VDD = 2.6V
(1) (2) (3)
The following specifications apply for for the circuit shown in Figure 7 unless otherwise specified. Limits apply for TA = 25°C.
LM4890
Units
Parameter
Test Conditions
(Limits)
Typical(4)
Limit(5) (6)
IDD
Quiescent Power Supply Current
VIN = 0V, Io = 0A, No Load
2.6
mA (max)
ISD
Shutdown Current
VSHUTDOWN = 0V
0.1
µA (max)
P0
Output Power (8
Ω)
THD = 1% (max); f = 1 kHz
0.2
W
Output Power (4
Ω)
THD = 1% (max); f = 1 kHz
0.22
W
THD+N
Total Harmonic Distortion + Noise
Po = 0.1Wrms; f = 1kHz
0.08
%
PSRR
Power Supply Rejection Ratio(7)
Vripple = 200mV sine p-p
44 (f = 217Hz)
dB
Input Terminated with 10 ohms to
44 (f = 1kHz)
ground
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
For DSBGA only, shutdown current is measured in a Normal Room Environment. Exposure to direct sunlight will increase ISD by a
maximum of 2µA.
(4)
Typicals are measured at 25°C and represent the parametric norm.
(5)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(6)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(7)
PSRR is a function of system gain. Specifications apply to the circuit in Figure 7 where AV = 2. Higher system gains will reduce PSRR
value by the amount of gain increase. A system gain of 10 represents a gain increase of 14dB. PSRR will be reduced by 14dB and
applies to all operating voltages.
6
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM4890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com