Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4890M/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM4890M/NOPB
Description  1 Watt Audio Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4890M/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM4890M/NOPB Datasheet HTML 12Page - Texas Instruments LM4890M/NOPB Datasheet HTML 13Page - Texas Instruments LM4890M/NOPB Datasheet HTML 14Page - Texas Instruments LM4890M/NOPB Datasheet HTML 15Page - Texas Instruments LM4890M/NOPB Datasheet HTML 16Page - Texas Instruments LM4890M/NOPB Datasheet HTML 17Page - Texas Instruments LM4890M/NOPB Datasheet HTML 18Page - Texas Instruments LM4890M/NOPB Datasheet HTML 19Page - Texas Instruments LM4890M/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
30
100
10K
1M
100M
FREQUENCY (Hz)
-20
-5
15
10M
100K
1K
25
20
5
0
-15
10
-10
-90
0
-180
30
100
10K
1M
100M
FREQUENCY (Hz)
-20
-5
15
10M
100K
1K
25
20
5
0
-15
10
-10
-90
0
-180
0
3
1
2
0
1
2
3
SHUTDOWN VOLTAGE (V)
ON
OFF
4
0
4
1
2
3
0
3
1
2
Shutdown Voltage (V)
ON
OFF
LM4890
SNAS138L – SEPTEMBER 2001 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Shutdown Hysterisis Voltage
Shutdown Hysterisis Voltage
VDD = 5V
VDD = 3V
Figure 56.
Figure 57.
Open Loop Frequency Response
Open Loop Frequency Response
VDD = 5V, No Load
VDD = 3V, No Load
Figure 58.
Figure 59.
Gain / Phase Response, AV = 2
Gain / Phase Response, AV = 4
VDD = 5V, 8Ω Load, CLOAD = 500pF
VDD = 5V, 8Ω Load, CLOAD = 500pF
Figure 60.
Figure 61.
16
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM4890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com