Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SK508G-X-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SK508G-X-AE3-R
Description  HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SK508G-X-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SK508G-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2SK508G-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies 2SK508G-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SK508
N-CHANNEL JFET
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R206-101.C
HIGH FREQUENCY AMPLIFIER
N-CHANNEL SILICON
JUNCTION FIELD EFFECT
TRANSISTOR
DESCRIPTION
The UTC 2SK508 is NPN transistor with High forward transfer
admittance and low input capacitance.
It is suitable for cordless telephone, AM tuner and wireless
installation, etc.
FEATURES
* High forward transfer admittance
* Low input capacitance
SOT-23
(JEDEC TO-236)
1
2
3
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
1
2
3
2SK508G-x-AE3-R
SOT-23
D
S
G
Tape Reel
Note: Pin Assignment: D: Drain
S: Source
G: Gate
MARKING


Similar Part No. - 2SK508G-X-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SK508G-X-AE3-R UTC-2SK508G-X-AE3-R Datasheet
145Kb / 2P
HIGH FREQUENCY AMPLIFIER N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR
More results

Similar Description - 2SK508G-X-AE3-R

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE486 NTE-NTE486 Datasheet
23Kb / 2P
Silicon NPN Transistor RF High Frequency Amplifier
logo
Toshiba Semiconductor
2SA1483 TOSHIBA-2SA1483 Datasheet
173Kb / 3P
TRANSISTOR (HIGH FREQUENCY AMPLIFIER, VIDEO AMPLIFIER, HIGH SPEED SWITCHING APPLICATIONS)
10-Apr-1997
2SC1923 TOSHIBA-2SC1923 Datasheet
352Kb / 6P
TRANSISTOR (HIGH FREQUENCY, FM, RF, MIX, IF AMPLIFIER APPLICATIONS)
09-May-1997
logo
Rohm
2SC4774 ROHM-2SC4774 Datasheet
70Kb / 3P
High frequency amplifier transistor RF switching (6V, 50mA)
logo
Motorola, Inc
MXR5583 MOTOROLA-MXR5583 Datasheet
32Kb / 1P
HIGH FREQUENCY RF TRANSISTOR
logo
Unisonic Technologies
2SC4774 UTC-2SC4774 Datasheet
98Kb / 4P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA)
logo
Rohm
2SC4137 ROHM-2SC4137_09 Datasheet
162Kb / 3P
High frequency amplifier transistor, RF switching (6V, 50mA)
2SC4774 ROHM-2SC4774_09 Datasheet
162Kb / 3P
High frequency amplifier transistor, RF switching (6V, 50mA)
logo
Unisonic Technologies
2SC4774 UTC-2SC4774_10 Datasheet
240Kb / 4P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING 6V, 50mA)
2SC4774 UTC-2SC4774_15 Datasheet
249Kb / 4P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com