Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C554-04/P Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC16C554-04/P
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C554-04/P Datasheet(HTML) 5 Page - Microchip Technology

  PIC16C554-04/P Datasheet HTML 1Page - Microchip Technology PIC16C554-04/P Datasheet HTML 2Page - Microchip Technology PIC16C554-04/P Datasheet HTML 3Page - Microchip Technology PIC16C554-04/P Datasheet HTML 4Page - Microchip Technology PIC16C554-04/P Datasheet HTML 5Page - Microchip Technology PIC16C554-04/P Datasheet HTML 6Page - Microchip Technology PIC16C554-04/P Datasheet HTML 7Page - Microchip Technology PIC16C554-04/P Datasheet HTML 8Page - Microchip Technology PIC16C554-04/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS40143B-page 5
PIC16C55X(A)
1.0
GENERAL DESCRIPTION
The PIC16C55X(A) are 18 and 20-Pin EPROM-based
members of the versatile PIC16CXX family of low-cost,
high-performance,
CMOS,
fully-static,
8-bit
microcontrollers.
All PICmicro™ microcontrollers employ an advanced
RISC architecture. The PIC16C55X(A) have enhanced
core features, eight-level deep stack, and multiple inter-
nal and external interrupt sources. The separate
instruction and data buses of the Harvard architecture
allow a 14-bit wide instruction word with the separate
8-bit wide data. The two-stage instruction pipeline
allows all instructions to execute in a single-cycle,
except for program branches (which require two
cycles). A total of 35 instructions (reduced instruction
set) are available. Additionally, a large register set gives
some of the architectural innovations used to achieve a
very high performance.
PIC16C55X(A) microcontrollers typically achieve a 2:1
code compression and a 4:1 speed improvement over
other 8-bit microcontrollers in their class.
The PIC16C554(A) and PIC16C556A have 80 bytes of
RAM. The PIC16C558(A) has 128 bytes of RAM. Each
device has 13 I/O pins and an 8-bit timer/counter with
an 8-bit programmable prescaler.
PIC16C55X(A) devices have special features to reduce
external components, thus reducing cost, enhancing
system reliability and reducing power consumption.
There are four oscillator options, of which the single pin
RC oscillator provides a low-cost solution, the LP
oscillator minimizes power consumption, XT is a
standard crystal, and the HS is for High Speed crystals.
The SLEEP (power-down) mode offers power saving.
The user can wake up the chip from SLEEP through
several external and internal interrupts and reset.
A highly reliable Watchdog Timer with its own on-chip
RC oscillator provides protection against software
lock- up.
A UV-erasable CERDIP-packaged version is ideal for
code development while the cost-effective One-Time
Programmable (OTP) version is suitable for production
in any volume.
Table 1-1 shows the features of the PIC16C55X(A)
mid-range microcontroller families.
A simplified block diagram of the PIC16C55X(A) is
shown in Figure 3-1.
The PIC16C55X(A) series fit perfectly in applications
ranging from motor control to low-power remote sen-
sors. The EPROM technology makes customization of
application programs (detection levels, pulse genera-
tion, timers, etc.) extremely fast and convenient. The
small footprint packages make this microcontroller
series perfect for all applications with space limitations.
Low-cost, low-power, high-performance, ease of use
and I/O flexibility make the PIC16C55X(A) very versa-
tile.
1.1
Family and Upward Compatibility
Those users familiar with the PIC16C5X family of
microcontrollers will realize that this is an enhanced
version of the PIC16C5X architecture. Please refer to
Appendix A for a detailed list of enhancements. Code
written for PIC16C5X can be easily ported to
PIC16C55X(A) family of devices (Appendix B).
The PIC16C55X(A) family fills the niche for users want-
ing to migrate up from the PIC16C5X family and not
needing various peripheral features of other members
of the PIC16XX mid-range microcontroller family.
1.2
Development Support
The PIC16C55X(A) family is supported by a full-fea-
tured macro assembler, a software simulator, an in-cir-
cuit emulator, a low-cost development programmer and
a full-featured programmer. A “C” compiler and fuzzy
logic support tools are also available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com