Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C554-04/P Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC16C554-04/P
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C554-04/P Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC16C554-04/P Datasheet HTML 67Page - Microchip Technology PIC16C554-04/P Datasheet HTML 68Page - Microchip Technology PIC16C554-04/P Datasheet HTML 69Page - Microchip Technology PIC16C554-04/P Datasheet HTML 70Page - Microchip Technology PIC16C554-04/P Datasheet HTML 71Page - Microchip Technology PIC16C554-04/P Datasheet HTML 72Page - Microchip Technology PIC16C554-04/P Datasheet HTML 73Page - Microchip Technology PIC16C554-04/P Datasheet HTML 74Page - Microchip Technology PIC16C554-04/P Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS40143B-page 71
PIC16C55X(A)
10.3
DC CHARACTERISTICS:
PIC16C55X(A) (Commercial, Industrial, Extended)
PIC16LC55X (Commercial, Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
–40˚C
≤ TA ≤ +85˚C for industrial and
0˚C
≤ TA ≤ +70˚C for commercial and
–40˚C
≤ TA ≤ +125˚C for automotive
Operating voltage VDD range as described in DC spec Table 10-1
Param.
No.
Sym
Characteristic
Min
Typ†
Max
Unit
Conditions
VIL
Input Low Voltage
I/O ports
D030
with TTL buffer
VSS
-
0.8V
0.15VDD
V VDD = 4.5V to 5.5V
otherwise
D031
with Schmitt Trigger input
VSS
0.2VDD
V
D032
MCLR, RA4/T0CKI,OSC1 (in
RC mode)
Vss
-
0.2VDD
V Note1
D033
OSC1 (in XT* and HS)
Vss
-
0.3VDD
V
OSC1 (in LP*)
Vss
-
0.6VDD-1.0 V
VIH
Input High Voltage
I/O ports
-
D040
with TTL buffer
2.0V
-
VDD
V
D041
with Schmitt Trigger input
0.8VDD
VDD
D042
MCLR RA4/T0CKI
0.8VDD
-
VDD
V
D043
D043A
OSC1 (XT*, HS and LP*)
OSC1 (in RC mode)
0.7VDD
0.9VDD
-
VDD
V
Note1
D070
IPURB
PORTB weak pull-up current
50
200
400
µA VDD = 5.0V, VPIN = VSS
IIL
Input Leakage Current
(Notes 2, 3)
I/O ports (Except PORTA)
±1.0
µA VSS ≤ VPIN ≤ VDD, pin at hi-impedance
D060
PORTA
-
-
±0.5
µA Vss ≤ VPIN ≤ VDD, pin at hi-impedance
D061
RA4/T0CKI
-
-
±1.0
µA Vss ≤ VPIN ≤ VDD
D063
OSC1, MCLR
-
-
±5.0
µA Vss ≤ VPIN ≤ VDD, XT, HS and LP osc
configuration
VOL
Output Low Voltage
D080
I/O ports
-
-
0.6
V IOL=8.5 mA, VDD=4.5V, -40
° to +85°C
-
-
0.6
V IOL=7.0 mA, VDD=4.5V, +125
°C
D083
OSC2/CLKOUT
-
-
0.6
V IOL=1.6 mA, VDD=4.5V, -40
° to +85°C
(RC only)
-
-
0.6
V IOL=1.2 mA, VDD=4.5V, +125
°C
VOH
Output High Voltage (Note 3)
D090
I/O ports (Except RA4)
VDD-0.7
-
-
V IOH=-3.0 mA, VDD=4.5V, -40
° to +85°C
VDD-0.7
-
-
V IOH=-2.5 mA,
VDD=4.5V, +125
°C
D092
OSC2/CLKOUT
VDD-0.7
-
-
V IOH=-1.3 mA, VDD=4.5V, -40
° to +85°C
(RC only)
VDD-0.7
-
-
V IOH=-1.0 mA,
VDD=4.5V, +125
°C
*
VOD
Open-Drain High Voltage
14*
V RA4 pin
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: In RC oscillator configuration, the OSC1 pin is a Schmitt Trigger input. It is not recommended that the
PIC16C55X(A) be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com