Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CF745 Datasheet(PDF) 35 Page - Microchip Technology

Part # CF745
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CF745 Datasheet(HTML) 35 Page - Microchip Technology

Back Button CF745 Datasheet HTML 31Page - Microchip Technology CF745 Datasheet HTML 32Page - Microchip Technology CF745 Datasheet HTML 33Page - Microchip Technology CF745 Datasheet HTML 34Page - Microchip Technology CF745 Datasheet HTML 35Page - Microchip Technology CF745 Datasheet HTML 36Page - Microchip Technology CF745 Datasheet HTML 37Page - Microchip Technology CF745 Datasheet HTML 38Page - Microchip Technology CF745 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 35
PIC16C5X
The Electrical Specifications sections show RC
frequency variation from part to part due to normal
process variation.
Also, see the Electrical Specifications sections for
variation of oscillator frequency due to VDD for given
Rext/Cext values as well as frequency variation due to
operating temperature for given R, C, and VDD values.
The oscillator frequency, divided by 4, is available on
the OSC2/CLKOUT pin, and can be used for test
purposes or to synchronize other logic.
FIGURE 7-7:
RC OSCILLATOR MODE
Note:
If you change from this device to
another device, please verify oscillator
characteristics in your application.
VDD
Rext
Cext
VSS
OSC1
Internal
clock
OSC2/CLKOUT
Fosc/4
PIC16C5X
N
7.3
Reset
PIC16C5X devices may be reset in one of the
following ways:
• Power-On Reset (POR)
•MCLR reset (normal operation)
• MCLR wake-up reset (from SLEEP)
• WDT reset (normal operation)
• WDT wake-up reset (from SLEEP)
Table 7-3 shows these reset conditions for the PCL
and STATUS registers.
Some registers are not affected in any reset condition.
Their status is unknown on POR and unchanged in
any other reset. Most other registers are reset to a
“reset state” on Power-On Reset (POR), MCLR or
WDT reset. A MCLR or WDT wake-up from SLEEP
also results in a device reset, and not a continuation of
operation before SLEEP.
The TO and PD bits (STATUS <4:3>) are set or
cleared depending on the different reset conditions
(Section 7.7). These bits may be used to determine
the nature of the reset.
Table 7-4 lists a full description of reset states of all
registers. Figure 7-8 shows a simplified block diagram
of the on-chip reset circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com