Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C745T/P Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16C745T/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C745T/P Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16C745T/P Datasheet HTML 28Page - Microchip Technology PIC16C745T/P Datasheet HTML 29Page - Microchip Technology PIC16C745T/P Datasheet HTML 30Page - Microchip Technology PIC16C745T/P Datasheet HTML 31Page - Microchip Technology PIC16C745T/P Datasheet HTML 32Page - Microchip Technology PIC16C745T/P Datasheet HTML 33Page - Microchip Technology PIC16C745T/P Datasheet HTML 34Page - Microchip Technology PIC16C745T/P Datasheet HTML 35Page - Microchip Technology PIC16C745T/P Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 158 page
background image
PIC16C745/765
DS41124A-page 32
Advanced Information
© 1999 Microchip Technology Inc.
TABLE 5-1:
PORTA FUNCTIONS
TABLE 5-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Name
Function
Input
Type
Output
Type
Description
RA0/AN0
RA0
ST
CMOS
Bi-directional I/O
AN0
AN
—
A/D Input
RA1/AN1
RA1
ST
CMOS
Bi-directional I/O
AN1
AN
—
A/D Input
RA2/AN2
RA2
ST
CMOS
Bi-directional I/O
AN2
AN
—
A/D Input
RA3/AN3/VREF
RA3
ST
CMOS
Bi-directional I/O
AN3
AN
—
A/D Input
VREF
AN
—
A/D Positive Reference
RA4/T0CKI
RA4
ST
OD
Bi-directional I/O
T0CKI
ST
—
Timer 0 Clock Input
RA5/AN4
RA5
ST
Bi-directional I/O
AN4
AN
—
A/D Input
Legend:
OD = open drain, ST = Schmitt Trigger
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
05h
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--0x 0000
--0u 0000
85h
TRISA
—
—
PORTA Data Direction Register
--11 1111
--11 1111
9Fh
ADCON1
—
—
—
—
—
PCFG2
PCFG1
PCFG0
---- -000
---- -000
Legend: x = unknown, u = unchanged, - = unimplemented locations read as '0'. Shaded cells are not used by PORTA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com