Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C745T/P Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16C745T/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C745T/P Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16C745T/P Datasheet HTML 16Page - Microchip Technology PIC16C745T/P Datasheet HTML 17Page - Microchip Technology PIC16C745T/P Datasheet HTML 18Page - Microchip Technology PIC16C745T/P Datasheet HTML 19Page - Microchip Technology PIC16C745T/P Datasheet HTML 20Page - Microchip Technology PIC16C745T/P Datasheet HTML 21Page - Microchip Technology PIC16C745T/P Datasheet HTML 22Page - Microchip Technology PIC16C745T/P Datasheet HTML 23Page - Microchip Technology PIC16C745T/P Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 158 page
background image
PIC16C745/765
DS41124A-page 20
Advanced Information
© 1999 Microchip Technology Inc.
Bank 3
180h
INDF(3)
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
0000 0000
181h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
182h
PCL(3)
Program Counter’s (PC) Least Significant Byte
0000 0000
0000 0000
183h
STATUS(3)
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
184h
FSR(3)
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
185h
—
Unimplemented
—
—
186h
TRISB
PORTB Data Direction Register
1111 1111
1111 1111
187h
—
Unimplemented
—
—
188h
—
Unimplemented
—
—
189h
—
Unimplemented
—
—
18Ah
PCLATH(1,3)
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
---0 0000
18Bh
INTCON(3)
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
18Ch-
18Fh
—
Unimplemented
—
—
190h
UIR
—
—
STALL
UIDLE
TOK_DNE
ACTIVITY
UERR
USB_RST --00 0000 --00 0000
191h
UIE
—
—
STALL
UIDLE
TOK_DNE
ACTIVITY
UERR
USB_RST --00 0000 --00 0000
192h
UEIR
BTS_ERR OWN_ERR WRT_ERR
BTO_ERR
DFN8
CRC16
CRC5
PID_ERR
0000 0000
0000 0000
193h
UEIE
BTS_ERR OWN_ERR WRT_ERR
BTO_ERR
DFN8
CRC16
CRC5
PID_ERR
0000 0000
0000 0000
194h
USTAT
—
—
—
ENDP1
ENDP0
IN
—
—
---x xx--
---u uu--
195h
UCTRL
—
—
SEO
PKT_DIS
DEV_ATT
RESUME
SUSPND
—
--x0 000-
--xq qqq-
196h
UADDR
—
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
-000 0000
-000 0000
197h
USWSTAT
SWSTAT7
SWSTAT6
SWSTAT5
SWSTAT4
SWSTAT3
SWSTAT2
SWSTAT1
SWSTAT0 0000 0000 0000 0000
198h
UEP0
—
—
—
—
EP_CTL_DIS EP_OUT_EN EP_IN_EN EP_STALL ---- 0000 ---- 0000
199h
UEP1
—
—
—
—
EP_CTL_DIS EP_OUT_EN EP_IN_EN EP_STALL ---- 0000 ---- 0000
19Ah
UEP2
—
—
—
—
EP_CTL_DIS EP_OUT_EN EP_IN_EN EP_STALL ---- 0000 ---- 0000
19Bh-
19Fh
Reserved
Reserved, do not use.
0000 0000
0000 0000
TABLE 4-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
(2)
Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented read as ’0’.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8> whose contents
are transferred to the upper byte of the program counter.
2: Other (non power-up) resets include external reset through MCLR and Watchdog Timer Reset.
3: These registers can be addressed from either bank.
4: The Parallel Slave Port (PORTD and PORTE) is not implemented on the PIC16C745, always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com