Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1043 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1043
Description  Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1043 Datasheet(HTML) 3 Page - Microchip Technology

  TC1043 Datasheet HTML 1Page - Microchip Technology TC1043 Datasheet HTML 2Page - Microchip Technology TC1043 Datasheet HTML 3Page - Microchip Technology TC1043 Datasheet HTML 4Page - Microchip Technology TC1043 Datasheet HTML 5Page - Microchip Technology TC1043 Datasheet HTML 6Page - Microchip Technology TC1043 Datasheet HTML 7Page - Microchip Technology TC1043 Datasheet HTML 8Page - Microchip Technology TC1043 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21347B-page 3
TC1043
TC1043 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Typical values apply at 25°C and VDD = 3V. Minimum and maximum values apply for TA = - 40° to + 85°C, and
VDD = 1.8V to 5.5V, unless otherwise specified.
Symbol
Parameter
Min.
Typ
Max
Units
Test Conditions
Comparators
ROUT(SD)
Output Resistance in Shutdown
20
M
SHDN =VSS
COUT(SD)
Output Capacitance in Shutdown
5
pF
SHDN =VSS
TSEL
Select Time (For Valid Output)
20
µsec
VOUT from SHDN =VIH
RL =10kΩ to VSS
TDESEL
Deselect Time
500
nsec
VOUT from SHDN =VIL
RL =10kΩ to VSS
VICMR
Common Mode Input Voltage Range
VSS –0.2
VDD +0.2
V
VOS
Input Offset Voltage
–5
–5
+5
+5
mV
VDD =3V, VCM =1.5V
TA = 25°C
TA = -40°C to 85°C
IB
Input Bias Current
±100
pA
TA = 25°C,
IN+, IN- = VDD to VSS
VOH
Output High Voltage
VDD –0.3
V
RL =10kΩ to VSS
VOL
Output Low Voltage
0.3
V
RL =10kΩ to VDD
CMRR
Common Mode Rejection Ratio
66
dB
TA = 25°C, VDD =5V
VCM =VDD to VSS
PSRR
Power Supply Rejection Ratio
60
dB
TA = 25°C, VCM =1.2V
VDD =1.8V to5V
ISRC
Output Source Current
1
mA
IN+=VDD,IN- = VSS
Output Shorted to VSS
VDD =1.8V
ISINK
Output Sink Current
2
mA
IN+=VSS,IN- = VDD,
Output Shorted to VDD
VDD =1.8V
tPD1
Response Time
4
µsec
100mV Overdrive, CL = 100pF
tPD2
Response Time
6
µsec
10mV Overdrive, CL = 100pF
Voltage Reference
VREF
Reference Voltage
1.176
1.200
1.224
V
IREF(SOURCE)
Source Current
50
µA
IREF(SINK)
Sink Current
50
µA
CL(REF)
Load Capacitance
100
pF
NVREF
Voltage Noise
20
µVRMS 100Hz to 100kHz
Noise Density
1.0
µV/√Hz 1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com