Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1043 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1043
Description  Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1043 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1043 Datasheet HTML 6Page - Microchip Technology TC1043 Datasheet HTML 7Page - Microchip Technology TC1043 Datasheet HTML 8Page - Microchip Technology TC1043 Datasheet HTML 9Page - Microchip Technology TC1043 Datasheet HTML 10Page - Microchip Technology TC1043 Datasheet HTML 11Page - Microchip Technology TC1043 Datasheet HTML 12Page - Microchip Technology TC1043 Datasheet HTML 13Page - Microchip Technology TC1043 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TC1043
DS21347B-page 10
© 2002 Microchip Technology Inc.
FIGURE 4-4:
COMPARATOR
EXTERNAL HYSTERESIS
CONFIGURATION
FIGURE 4-5:
32.768 KHZ “TIME-OF-
DAY” CLOCK
OSCILLATOR
FIGURE 4-6:
NON-RETRIGGERABLE MULTI-VIBRATOR
FIGURE 4-7:
SQUARE WAVE GENERATOR
+
VR
VDD
VOUT
VSRC
RA
RB
RC
TC1043
Comparator
+
VDD
VOUT
VDD
RB
150k
RA
150k
RC
1M
CA
100 pF
32.768 kHz
TPER = 30.52 µsec
TC1043
Comparator
+
+
VDD
CMPTR1
CMPTR2
In
In
Out
Out
R3
1M
R4
1M
R6
562k
R7
1M
R2
100k
R1
100k
R8
D2
D1
10M
R9
243k
R5
10M
C1
100 pF
R10
61.9k
A
B
C
GND
t0
C
GND
VDD
GND
VDD
TC1025
TC1043
VDD
+
R1
100k
VDD
R4
R3
100k
R2
100k
C1
VH =
R2 (VDD)
R2 + (R1||R3)
VL =
(VDD) (R2||R3)
R1 + (R2||R3)
FREQ =
1
2(0.694)(R4)(C1)
TC1043
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com