Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3852ES-2.5/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP3852ES-2.5/NOPB
Description  1.5-A Fast Response Ultra-Low Dropout Linear Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3852ES-2.5/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3852ES-2.5/NOPB Datasheet HTML 4Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 9Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 10Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 11Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
-40
-20
0
20
40
60
80
100
125
JUNCTION TEMPERATURE (
oC)
0
0.5
1
1.5
2
2.5
3
-40
-20
0
20
40
60
80
100
125
JUNCTION TEMPERATURE (
oC)
0
0.5
1
1.5
2
2.5
3
TEMPERATURE (
oC)
-40
-20
0
20
40
60
80
100 125
0.001
0.01
0.1
1
10
JUNCTION TEMPERATURE (
oC)
-40 -20
0
20
40
60
80 100 125
0
2
4
6
8
10
12
14
0
0.5
1
1.5
0
100
200
300
400
500
600
OUTPUT LOAD CURRENT (A)
25
o C
-40
o C
12
5
o
C
1.8
2.3
2.8
3.3
3.8
4.3
5.0
OUTPUT VOLTAGE (V)
0
1
2
3
4
5
6
LP3852, LP3855
SNVS174I – FEBRUARY 2003 – REVISED FEBRUARY 2015
www.ti.com
8.6 Typical Characteristics
Unless otherwise specified: TJ = 25°C, COUT = 10 µF, CIN = 10 µF, SD pin is tied to VIN, VOUT = 2.5 V, VIN = VOUT(NOM) + 1 V,
IOUT = 10 mA.
IOUT = 1.5 A
Figure 2. Ground Current vs Output Voltage
Figure 1. Dropout Voltage vs Output Load Current
Figure 4. ERROR Threshold vs Junction Temperature
Figure 3. SD IQ vs Junction Temperature
Figure 5. DC Load Reg. vs Junction Temperature
Figure 6. DC Line Regulation vs Temperature
8
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3852 LP3855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com