Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3852ES-2.5/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP3852ES-2.5/NOPB
Description  1.5-A Fast Response Ultra-Low Dropout Linear Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3852ES-2.5/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP3852ES-2.5/NOPB Datasheet HTML 14Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 15Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 16Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 17Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 18Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 19Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 20Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 21Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Ground
IN
OUT
SD
SENSE
Input
Capacitor
Output
Capacitor
Pull-up
Resistor
Ground
IN
OUT
SD
ERROR
Input
Capacitor
Output
Capacitor
Pull-up
Resistor
Pull-up
Resistor
LP3852, LP3855
SNVS174I – FEBRUARY 2003 – REVISED FEBRUARY 2015
www.ti.com
12 Layout
12.1 Layout Guidelines
Good PC layout practices must be used or instability can be induced because of ground loops and voltage drops.
The input and output capacitors must be directly connected to the IN, OUT, and ground pins of the regulator
using traces which do not have other currents flowing in them (Kelvin connect).
The best way to do this is to lay out CIN and COUT near the device with short traces to the IN, OUT, and ground
pins. The regulator ground pin should be connected to the external circuit ground so that the regulator and its
capacitors have a "single point ground".
It should be noted that stability problems have been seen in applications where "vias" to an internal ground plane
were used at the ground points of the IC and the input and output capacitors. This was caused by varying ground
potentials at these nodes resulting from current flowing through the ground plane. Using a single point ground
technique for the regulator and its capacitors fixed the problem.
Since high current flows through the traces going into IN and coming from OUT, Kelvin connect the capacitor
leads to these pins so there is no voltage drop in series with the input and output capacitors.
12.2 Layout Example
Figure 24. LP3852 TO-263 Package Typical Layout
Figure 25. LP3855 TO-263 Package Typical Layout
18
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3852 LP3855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com