Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3873ES-2.5/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3873ES-2.5/NOPB
Description  3A Fast Ultra Low Dropout Linear Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3873ES-2.5/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LP3873ES-2.5/NOPB Datasheet HTML 1Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 2Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 3Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 4Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LP3873, LP3876
SNVS220E – NOVEMBER 2002 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
LP3873/LP3876
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1.5V, IL = 10 mA, COUT = 10µF, VSD = 2V.
Symbol
Parameter
Conditions
Typ(1)
LP3873/6(2)
Units
Min
Max
Output Voltage Tolerance(3)
VOUT +1.5V ≤ VIN ≤ 7.0V
-1.5
+1.5
VO
0
%
10 mA
≤ IL ≤ 3A
-3.0
+3.0
ΔV OL
Output Voltage Line
VOUT + 1.5V ≤ VIN ≤ 7.0V
0.02
%
Regulation(3)
0.06
ΔVO/ ΔIOUT
Output Voltage Load
10 mA
≤ IL ≤ 3A
0.08
%
Regulation(3)
0.14
VIN - VOUT
IL = 300 mA
80
100
120
Dropout Voltage(4)
mV
IL = 3A
800
1000
1200
IL = 300 mA
5
9
10
Ground Pin Current In Normal
IGND
mA
Operation Mode
IL = 3A
6
14
15
IGND
Ground Pin Current In
VSD ≤ 0.3V
1
10
µA
Shutdown Mode
-40°C
≤TJ ≤ 85°C
50
IO(PK)
Peak Output Current
VO ≥ VO(NOM) - 4%
4.5
A
SHORT CIRCUIT PROTECTION
ISC
Short Circuit Current
6
A
SHUTDOWN INPUT
Output = High
VIN
2
VSDT
Shutdown Threshold
V
Output = Low
0
0.3
TdOFF
Turn-off delay
IL = 3A
20
µs
TdON
Turn-on delay
IL = 3A
25
µs
ISD
SD Input Current
VSD = VIN
1
nA
ERROR FLAG
VT
Threshold
See(5)
10
5
16
%
VTH
Threshold Hysteresis
See(5)
5
2
8
%
VEF(Sat)
Error Flag Saturation
Isink = 100µA
0.02
0.1
V
Td
Flag Reset Delay
1
µs
Ilk
Error Flag Pin Leakage
1
nA
Current
Imax
Error Flag Pin Sink Current
VError = 0.5V
1
mA
(1)
Typical numbers are at 25°C and represent the most likely parametric norm.
(2)
Limits are specified by testing, design, or statistical correlation.
(3)
Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line voltage.
Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in load current. The line
and load regulation specification contains only the typical number. However, the limits for line and load regulation are included in the
output voltage tolerance specification.
(4)
Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value.
Dropout voltage specification applies only to output voltages of 2.5V and above. For output voltages below 2.5V, the drop-out voltage is
nothing but the input to output differential, since the minimum input voltage is 2.5V.
(5)
Error Flag threshold and hysteresis are specified as percentage of regulated output voltage. See Application Hints.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LP3873 LP3876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com