Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3873ES-2.5/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3873ES-2.5/NOPB
Description  3A Fast Ultra Low Dropout Linear Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3873ES-2.5/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP3873ES-2.5/NOPB Datasheet HTML 1Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 2Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 3Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 4Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LP3873, LP3876
www.ti.com
SNVS220E – NOVEMBER 2002 – REVISED APRIL 2013
LP3873/LP3876 3A Fast Ultra Low Dropout Linear Regulators
Check for Samples: LP3873, LP3876
1
FEATURES
DESCRIPTION
The LP3873/LP3876 series of fast ultra low-dropout
2
•
Ultra Low Dropout Voltage
linear regulators operate from a +2.5V to +7.0V input
•
Low Ground Pin Current
supply. Wide range of preset output voltage options
•
Load Regulation of 0.08%
are
available.
These
ultra
low
dropout
linear
regulators respond very quickly to step changes in
•
1µA Quiescent Current in Shutdown Mode
load, which makes them suitable for low voltage
•
Ensured Output Current of 3A DC
microprocessor applications. The LP3873/LP3876 are
•
Available in DDPAK/TO-263 and TO-220
developed on a CMOS process which allows low
Packages
quiescent current operation independent of output
load current. This CMOS process also allows the
•
Output Voltage Accuracy ± 1.5%
LP3873/LP3876 to operate under extremely low
•
Error Flag Indicates Output Status
dropout conditions.
•
Sense Option Improves Load Regulation
Dropout Voltage: Ultra low dropout voltage; typically
•
Minimum Output Capacitor Requirements
80mV at 300mA load current and 800mV at 3A load
•
Overtemperature/overcurrent Protection
current.
•
−40°C to +125°C Junction Temperature Range
Ground Pin Current: Typically 6mA at 3A load
current.
APPLICATIONS
Shutdown Mode: Typically 1µA quiescent current
•
Microprocessor Power Supplies
when the shutdown pin is pulled low.
•
GTL, GTL+, BTL, and SSTL Bus Terminators
Error Flag:Error flag goes low when the output
•
Power Supplies for DSPs
voltage drops 10% below nominal value.
•
SCSI Terminator
SENSE: Sense pin improves regulation at remote
•
Post Regulators
loads.
•
High Efficiency Linear Regulators
Precision Output Voltage: Multiple output voltage
•
Battery Chargers
options are available ranging from 1.8V to 5.0V with
an ensured accuracy of ±1.5% at room temperature,
•
Other Battery Powered Applications
and ±3.0% over all conditions (varying line, load, and
temperature).
Typical Application Circuits
*SD and ERROR pins must be pulled high through a 10k
Ω pull-up resistor. Connect the ERROR pin to ground if this
function is not used. See Application Hints for more information.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3873ES-2.5/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3873ES-2.5 NSC-LP3873ES-2.5 Datasheet
365Kb / 16P
3A Fast Ultra Low Dropout Linear Regulators
LP3873ES-2.5 NSC-LP3873ES-2.5 Datasheet
754Kb / 16P
3A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3873ES-2.5/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3963 NSC-LP3963 Datasheet
250Kb / 14P
3A Fast Ultra Low Dropout Linear Regulators
LP3853 NSC-LP3853 Datasheet
417Kb / 18P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3883 NSC-LP3883 Datasheet
367Kb / 12P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3873 NSC-LP3873 Datasheet
365Kb / 16P
3A Fast Ultra Low Dropout Linear Regulators
LP3893 NSC-LP3893 Datasheet
342Kb / 12P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
LP3873 NSC-LP3873_06 Datasheet
754Kb / 16P
3A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3966 TI-LP3966_15 Datasheet
2Mb / 25P
3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com