Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3855ES-2.5/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3855ES-2.5/NOPB
Description  1.5-A Fast Response Ultra-Low Dropout Linear Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855ES-2.5/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3855ES-2.5/NOPB Datasheet HTML 2Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 3Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 4Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 9Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LP3852, LP3855
SNVS174I – FEBRUARY 2003 – REVISED FEBRUARY 2015
www.ti.com
8.5 Electrical Characteristics
Unless otherwise specified: VIN = VOUT(NOM) + 1 V, IOUT = 10 mA, COUT = 10 µF, VSD = 2 V, TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOUT +1 V ≤ VIN ≤ 7 V
–1.5%
0
1.5%
10 mA
≤ IOUT ≤ 1.5 A
VOUT
Output voltage tolerance(3)
For –40°C
≤ TJ ≤ 125°C
–3%
3%
VOUT +1 V ≤ VIN ≤ 7 V
0.02%
ΔVOUT/ΔVIN
Output voltage line regulation(3)
For –40°C
≤ TJ ≤ 125°C
0.06%
10 mA
≤ IOUT ≤ 1.5 A
0.06%
ΔVOUT/ΔIOUT
Output voltage load regulation(3)
For –40°C
≤ TJ ≤ 125°C
0.12%
IOUT = 150 mA
24
35
For –40°C
≤ TJ ≤ 125°C
45
Dropout voltage
TO-263 and TO-220(4)
IOUT = 1.5A
240
280
For –40°C
≤ TJ ≤ 125°C
380
VIN - VOUT
mV
IOUT = 150mA
26
35
For –40°C
≤ TJ ≤ 125°C
45
Dropout voltage
SOT(4), (5)
IOUT = 1.5 A
260
320
For –40°C
≤ TJ ≤ 125°C
435
IOUT = 150 mA
3
9
For –40°C
≤ TJ ≤ 125°C
10
Ground pin current in normal
IGND
mA
operation mode
IOUT = 1.5 A
3
9
For –40°C
≤ TJ ≤ 125°C
10
VSD ≤ 0.3V
0.01
10
Ground pin current in shutdown
IGND
µA
mode
-40°C
≤ TJ ≤ 85°C
50
IOUT(PK)
Peak output current
VO ≥ VO(NOM) – 4%
1.8
A
SHORT CIRCUIT PROTECTION
ISC
Short circuit current
3.2
A
SHUTDOWN INPUT
VSDT Rising from 0.3 V until
1.3
Output = ON
For –40°C
≤ TJ ≤ 125°C
2
VSDT
Shutdown threshold
V
VSDT Falling from 2 V until
1.3
Output = OFF
For –40°C
≤ TJ ≤ 125°C
0.3
TdOFF
Turnoff delay
IOUT = 1.5 A
20
µs
TdON
Turnon delay
IOUT = 1.5 A
25
µs
ISD
SD input current
VSD = VIN
1
nA
ERROR PIN
See(6)
10%
VT
Threshold
For –40°C
≤ TJ ≤ 125°C
5%
16%
See(6)
5%
VTH
Threshold hysteresis
For –40°C
≤ TJ ≤ 125°C
2%
8%
(1)
Limits are specified by testing, design, or statistical correlation.
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line voltage.
Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in load current. The line
and load regulation specification contains only the typical number. However, the limits for line and load regulation are included in the
output voltage tolerance specification.
(4)
Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value.
Dropout voltage specification applies only to output voltages of 2.5V and above. For output voltages below 2.5 V, the drop-out voltage is
nothing but the input to output differential, since the minimum input voltage is 2.5 V.
(5)
The SOT-223 package devices have slightly higher dropout due to increased bond wire resistance.
(6)
ERROR threshold and hysteresis are specified as percentage of regulated output voltage. See ERROR Flag Operation.
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3852 LP3855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com