Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3855ES-2.5/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3855ES-2.5/NOPB
Description  1.5-A Fast Response Ultra-Low Dropout Linear Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855ES-2.5/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3855ES-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 9Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 10Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 11Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 12Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 13Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
2
1
IOUT
@ 1A
VOUT
@ 2.5V
T
T
TIME (1 2s/DIV)
LP3852, LP3855
SNVS174I – FEBRUARY 2003 – REVISED FEBRUARY 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified: TJ = 25°C, COUT = 10 µF, CIN = 10 µF, SD pin is tied to VIN, VOUT = 2.5 V, VIN = VOUT(NOM) + 1 V,
IOUT = 10 mA.
CIN = 2 X 10 µF Ceramic
COUT = 2 X 10µF Ceramic
Figure 13. Load Transient Response
10
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3852 LP3855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com