Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628-04E/SS Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16F628-04E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-04E/SS Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16F628-04E/SS Datasheet HTML 39Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 40Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 41Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 42Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 43Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 44Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 45Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 46Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 43
PIC16F62X
TABLE 5-3:
PORTB FUNCTIONS
TABLE 5-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORT
Name
Bit #
Buffer
Type
Function
RB0/INT
bit0
TTL/ST(1)
Bi-directional I/O port/external interrupt. Can be software programmed for
internal weak pull-up.
RB1/RX/DT
bit1
TTL/ST(3)
Bi-directional I/O port/ USART receive pin/synchronous data I/O. Can be
software programmed for internal weak pull-up.
RB2/TX/CK
bit2
TTL/ST(3)
Bi-directional I/O port/ USART transmit pin/synchronous clock I/O. Can be
software programmed for internal weak pull-up.
RB3/CCP1
bit3
TTL/ST(4)
Bi-directional I/O port/Capture/Compare/PWM I/O. Can be software pro-
grammed for internal weak pull-up.
RB4/PGM
bit4
TTL/ST(5)
Bi-directional I/O port/Low voltage programming input pin. Wake-up from
SLEEP on pin change. Can be software programmed for internal weak
pull-up. When low voltage programming is enabled, the interrupt on pin
change and weak pull-up resistor are disabled.
RB5
bit5
TTL
Bi-directional I/O port/Wake-up from SLEEP on pin change. Can be soft-
ware programmed for internal weak pull-up.
RB6/T1OSO/T1CKI
bit6
TTL/ST(2)
Bi-directional I/O port/Timer1 oscillator output/Timer1 clock input. Wake up
from SLEEP on pin change. Can be software programmed for internal weak
pull-up.
RB7/T1OSI
bit7
TTL/ST(2)
Bi-directional I/O port/Timer1 oscillator input. Wake up from SLEEP on pin
change. Can be software programmed for internal weak pull-up.
Legend: ST = Schmitt Trigger, TTL = TTL input
Note 1: This buffer is a Schmitt Trigger input when configured as the external interrupt.
Note 2: This buffer is a Schmitt Trigger input when used in serial programming mode.
Note 3: This buffer is a Schmitt Trigger I/O when used in USART/synchronous mode.
Note 4: This buffer is a Schmitt Trigger I/O when used in CCP mode.
Note 5: This buffer is a Schmitt Trigger input when used in low voltage program mode.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
All Other
Resets
06h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
86h
TRISB
TRISB7
TRISB6
TRISB5 TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
1111 1111
1111 1111
81h
OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Legend:
u = unchanged, x = unknown
Note:
Shaded bits are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com