Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628-04E/SS Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC16F628-04E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-04E/SS Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC16F628-04E/SS Datasheet HTML 53Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 54Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 55Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 56Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 57Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 58Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 59Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 60Page - Microchip Technology PIC16F628-04E/SS Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 57
PIC16F62X
9.0
COMPARATOR MODULE
The
comparator
module
contains
two
analog
comparators. The inputs to the comparators are
multiplexed with the RA0 through RA3 pins. The
on-chip Voltage Reference (Section 11.0) can also be
an input to the comparators.
The CMCON register, shown in Register 9-1, controls
the comparator input and output multiplexers. A block
diagram of the comparator is shown in Figure 9-1.
REGISTER 9-1:
CMCON REGISTER (ADDRESS 01Fh)
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
R = Readable bit
W = Writable bit
U = Unimplemented bit, read
as ’0’
-n = Value at POR reset
bit7
bit0
bit 7:
C2OUT: Comparator 2 output
When C2INV=0;
1
= C2 VIN+ > C2 VIN–
0
= C2 VIN+ < C2 VIN–
When C2INV=1;
0
= C2 VIN+ > C2 VIN–
1
= C2 VIN+ < C2 VIN–
bit 6:
C1OUT: Comparator 1 output
When C1INV=0;
1
= C1 VIN+ > C1 VIN–
0
= C1 VIN+ < C1 VIN–
When C1INV=1;
0
= C1 VIN+ > C1 VIN–
1
= C1 VIN+ < C1 VIN–
bit 5:
C2INV: Comparator 2 output inversion
1
= C2 Output inverted
0
= C2 Output not inverted
bit 4:
C1INV: Comparator 1 output inversion
1
= C1 Output inverted
0
= C1 Output not inverted
bit 3:
CIS: Comparator Input Switch
When CM2:CM0: = 001:
Then:
1
= C1 VIN– connects to RA3
0
= C1 VIN– connects to RA0
When CM2:CM0 = 010:
Then:
1
= C1 VIN– connects to RA3
C2 VIN– connects to RA2
0
= C1 VIN– connects to RA0
C2 VIN– connects to RA1
bit 2-0:
CM2:CM0: Comparator mode
Figure 9-1 shows the comparator modes and CM2:CM0 bit settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com