Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C71-10/JW Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC16C71-10/JW
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C71-10/JW Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC16C71-10/JW Datasheet HTML 43Page - Microchip Technology PIC16C71-10/JW Datasheet HTML 44Page - Microchip Technology PIC16C71-10/JW Datasheet HTML 45Page - Microchip Technology PIC16C71-10/JW Datasheet HTML 46Page - Microchip Technology PIC16C71-10/JW Datasheet HTML 47Page - Microchip Technology PIC16C71-10/JW Datasheet HTML 48Page - Microchip Technology PIC16C71-10/JW Datasheet HTML 49Page - Microchip Technology PIC16C71-10/JW Datasheet HTML 50Page - Microchip Technology PIC16C71-10/JW Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 47
PIC16C71X
8.0
SPECIAL FEATURES OF THE
CPU
What sets a microcontroller apart from other proces-
sors are special circuits to deal with the needs of real-
time applications. The PIC16CXX family has a host of
such features intended to maximize system reliability,
minimize cost through elimination of external compo-
nents, provide power saving operating modes and offer
code protection. These are:
• Oscillator selection
• Reset
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Oscillator Start-up Timer (OST)
- Brown-out Reset (BOR)
(PIC16C710/711/715)
- Parity Error Reset (PER) (PIC16C715)
• Interrupts
• Watchdog Timer (WDT)
• SLEEP
• Code protection
• ID locations
• In-circuit serial programming
The PIC16CXX has a Watchdog Timer which can be
shut off only through configuration bits. It runs off its
own RC oscillator for added reliability. There are two
timers that offer necessary delays on power-up. One is
the Oscillator Start-up Timer (OST), intended to keep
the chip in reset until the crystal oscillator is stable. The
other is the Power-up Timer (PWRT), which provides a
Applicable Devices
710 71 711 715
fixed delay of 72 ms (nominal) on power-up only,
designed to keep the part in reset while the power sup-
ply stabilizes. With these two timers on-chip, most
applications need no external reset circuitry.
SLEEP mode is designed to offer a very low current
power-down mode. The user can wake-up from SLEEP
through external reset, Watchdog Timer Wake-up, or
through an interrupt. Several oscillator options are also
made available to allow the part to fit the application.
The RC oscillator option saves system cost while the
LP crystal option saves power. A set of configuration
bits are used to select various options.
8.1
Configuration Bits
The configuration bits can be programmed (read as '0')
or left unprogrammed (read as '1') to select various
device configurations. These bits are mapped in pro-
gram memory location 2007h.
The user will note that address 2007h is beyond the
user program memory space. In fact, it belongs to the
special test/configuration memory space (2000h -
3FFFh), which can be accessed only during program-
ming.
FIGURE 8-1:
CONFIGURATION WORD FOR PIC16C71
—
—
—
—
—
—
—
—
—
CP0
PWRTE WDTE FOSC1 FOSC0
Register:
CONFIG
Address
2007h
bit13
bit0
bit 13-5: Unimplemented: Read as '1'
bit 4:
CP0: Code protection bit
1 = Code protection off
0 = All memory is code protected, but 00h - 3Fh is writable
bit 3:
PWRTE: Power-up Timer Enable bit
1 = Power-up Timer enabled
0 = Power-up Timer disabled
bit 2:
WDTE: Watchdog Timer Enable bit
1 = WDT enabled
0 = WDT disabled
bit 1-0:
FOSC1:FOSC0: Oscillator Selection bits
11
= RC oscillator
10
= HS oscillator
01
= XT oscillator
00
= LP oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com