Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C71-10/JW Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC16C71-10/JW
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C71-10/JW Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC16C71-10/JW Datasheet HTML 79Page - Microchip Technology PIC16C71-10/JW Datasheet HTML 80Page - Microchip Technology PIC16C71-10/JW Datasheet HTML 81Page - Microchip Technology PIC16C71-10/JW Datasheet HTML 82Page - Microchip Technology PIC16C71-10/JW Datasheet HTML 83Page - Microchip Technology PIC16C71-10/JW Datasheet HTML 84Page - Microchip Technology PIC16C71-10/JW Datasheet HTML 85Page - Microchip Technology PIC16C71-10/JW Datasheet HTML 86Page - Microchip Technology PIC16C71-10/JW Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 83
PIC16C71X
SUBWF
Subtract W from f
Syntax:
[
label ]
SUBWF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) - (W)
→ (dest)
Status Affected:
C, DC, Z
Encoding:
00
0010
dfff
ffff
Description:
Subtract (2’s complement method) W reg-
ister from register 'f'. If 'd' is 0 the result is
stored in the W register. If 'd' is 1 the
result is stored back in register 'f'.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
data
Write to
dest
Example 1:
SUBWF
REG1,
1
Before Instruction
REG1
=
3
W
=
2
C
=
?
Z
=
?
After Instruction
REG1
=
1
W
=
2
C
=
1; result is positive
Z
=
0
Example 2:
Before Instruction
REG1
=
2
W
=
2
C
=
?
Z
=
?
After Instruction
REG1
=
0
W
=
2
C
=
1; result is zero
Z
=
1
Example 3:
Before Instruction
REG1
=
1
W
=
2
C
=
?
Z
=
?
After Instruction
REG1
=
0xFF
W
=
2
C
=
0; result is negative
Z
=
0
SWAPF
Swap Nibbles in f
Syntax:
[
label ] SWAPF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f<3:0>)
→ (dest<7:4>),
(f<7:4>)
→ (dest<3:0>)
Status Affected:
None
Encoding:
00
1110
dfff
ffff
Description:
The upper and lower nibbles of regis-
ter 'f' are exchanged. If 'd' is 0 the
result is placed in W register. If 'd' is 1
the result is placed in register 'f'.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
data
Write to
dest
Example
SWAPF
REG,
0
Before Instruction
REG1
=
0xA5
After Instruction
REG1
=
0xA5
W
=
0x5A
TRIS
Load TRIS Register
Syntax:
[
label]
TRIS
f
Operands:
5
≤ f ≤ 7
Operation:
(W)
→ TRIS register f;
Status Affected: None
Encoding:
00
0000
0110
0fff
Description:
The instruction is supported for code
compatibility with the PIC16C5X prod-
ucts. Since TRIS registers are read-
able and writable, the user can directly
address them.
Words:
1
Cycles:
1
Example
To maintain upward compatibility
with future PIC16CXX products, do
not use this instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com