Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628-20E/SS Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 55Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 56Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 57Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 58Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 59Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 60Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 61Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 62Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 59
PIC16F62X
The code example in Example 9-1 depicts the steps
required to configure the comparator module. RA3 and
RA4 are configured as digital output. RA0 and RA1 are
configured as the V- inputs and RA2 as the V+ input to
both comparators.
EXAMPLE 9-1:
INITIALIZING
COMPARATOR MODULE
9.2
Comparator Operation
A single comparator is shown in Figure 9-2 along with
the relationship between the analog input levels and
the digital output. When the analog input at VIN+ is less
than the analog input VIN–, the output of the
comparator is a digital low level. When the analog input
at VIN+ is greater than the analog input VIN–, the output
of the comparator is a digital high level. The shaded
areas of the output of the comparator in Figure 9-2
represent the uncertainty due to input offsets and
response time.
FLAG_REG
EQU
0X20
CLRF
FLAG_REG
;Init flag register
CLRF
PORTA
;Init PORTA
MOVF
CMCON, W
;Load comparator bits
ANDLW
0xC0
;Mask comparator bits
IORWF
FLAG_REG,F
;Store bits in flag register
MOVLW
0x03
;Init comparator mode
MOVWF
CMCON
;CM<2:0> = 011
BSF
STATUS,RP0
;Select Bank1
MOVLW
0x07
;Initialize data direction
MOVWF
TRISA
;Set RA<2:0> as inputs
;RA<4:3> as outputs
;TRISA<7:5> always read ‘0’
BCF
STATUS,RP0
;Select Bank 0
CALL
DELAY 10
;10
µs delay
MOVF
CMCON,F
;Read CMCONtoend change condition
BCF
PIR1,CMIF
;Clear pending interrupts
BSF
STATUS,RP0
;Select Bank 1
BSF
PIE1,CMIE
;Enable comparator interrupts
BCF
STATUS,RP0
;Select Bank 0
BSF
INTCON,PEIE
;Enable peripheral interrupts
BSF
INTCON,GIE
;Global interrupt enable
9.3
Comparator Reference
An external or internal reference signal may be used
depending on the comparator operating mode. The
analog signal that is present at VIN– is compared to the
signal at VIN+, and the digital output of the comparator
is adjusted accordingly (Figure 9-2).
FIGURE 9-2:
SINGLE COMPARATOR
9.3.1
EXTERNAL REFERENCE SIGNAL
When external voltage references are used, the
comparator module can be configured to have the com-
parators operate from the same or different reference
sources. However, threshold detector applications may
require the same reference. The reference signal must
be between VSS and VDD, and can be applied to either
pin of the comparator(s).
9.3.2
INTERNAL REFERENCE SIGNAL
The comparator module also allows the selection of an
internally
generated
voltage
reference
for
the
comparators. Section 13, Instruction Sets, contains a
detailed description of the Voltage Reference Module
that provides this signal. The internal reference signal
is
used
when
the
comparators
are
in
mode
CM<2:0>=010 (Figure 9-1). In this mode, the internal
voltage reference is applied to the VIN+ pin of both
comparators.
–
+
VIN+
VIN–
Output
VIN–
VIN+
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com