Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628-20E/SS Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 58Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 59Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 60Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 61Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 62Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 63Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 64Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 65Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 160 page
background image
PIC16F62X
DS40300B-page 62
Preliminary
© 1999 Microchip Technology Inc.
TABLE 9-1:
REGISTERS ASSOCIATED WITH COMPARATOR MODULE
Legend: x = unknown, u = unchanged, - = unimplemented, read as "0"
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
All Other
Resets
1Fh
CMCON
C2OUT
C1OUT
C2INV
C1NV
CIS
CM2
CM1
CM0
0000 0000
0000 0000
9Fh
VRCON
VREN
VROE
VRR
—
VR3
VR2
VR1
VR0
000- 0000
000- 0000
0Bh/8Bh/
10Bh/18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
EEIF
CMIF
RCIF
TXIF
—
CCP1IF
TMR2IF TMR1IF
0000 -000
0000 -000
8Ch
PIE1
EEIE
CMIE
RCIE
TXIE
—
CCP1IE TMR2IE TMR1IE
0000 -000
0000 -000
85h
TRISA
TRISA7 TRISA6
—
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
11-1 1111
11-1 1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com