Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628-20E/SS Datasheet(PDF) 117 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 117 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 113Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 114Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 115Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 116Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 117Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 118Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 119Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 120Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 117
PIC16F62X
BTFSS
Bit Test f, Skip if Set
Syntax:
[
label ] BTFSS f,b
Operands:
0
≤ f ≤ 127
0
≤ b < 7
Operation:
skip if (f<b>) = 1
Status Affected:
None
Encoding:
01
11bb
bfff
ffff
Description:
If bit ’b’ in register ’f’ is ’1’ then the next
instruction is skipped.
If bit ’b’ is ’1’, then the next instruction
fetched during the current instruction
execution, is discarded and a NOP is
executed instead, making this a
two-cycle instruction.
Words:
1
Cycles:
1(2)
Example
HERE
FALSE
TRUE
BTFSS
GOTO
•
•
•
FLAG,1
PROCESS_CODE
Before Instruction
PC =
address
HERE
After Instruction
if FLAG<1> = 0,
PC =
address FALSE
if FLAG<1> = 1,
PC =
address TRUE
CALL
Call Subroutine
Syntax:
[
label ] CALL k
Operands:
0
≤ k ≤ 2047
Operation:
(PC)+ 1
→ TOS,
k
→ PC<10:0>,
(PCLATH<4:3>)
→ PC<12:11>
Status Affected:
None
Encoding:
10
0kkk
kkkk
kkkk
Description:
Call Subroutine. First, return address
(PC+1) is pushed onto the stack. The
eleven bit immediate address is loaded
into PC bits <10:0>. The upper bits of
the PC are loaded from PCLATH.
CALL
is a two-cycle instruction.
Words:
1
Cycles:
2
Example
HERE
CALL
THERE
Before Instruction
PC = Address HERE
After Instruction
PC = Address THERE
TOS = Address HERE+1
CLRF
Clear f
Syntax:
[
label ] CLRF
f
Operands:
0
≤ f ≤ 127
Operation:
00h
→ (f)
1
→ Z
Status Affected:
Z
Encoding:
00
0001
1fff
ffff
Description:
The contents of register ’f’ are cleared
and the Z bit is set.
Words:
1
Cycles:
1
Example
CLRF
FLAG_REG
Before Instruction
FLAG_REG
=
0x5A
After Instruction
FLAG_REG
=
0x00
Z=
1
CLRW
Clear W
Syntax:
[
label ] CLRW
Operands:
None
Operation:
00h
→ (W)
1
→ Z
Status Affected:
Z
Encoding:
00
0001
0000
0011
Description:
W register is cleared. Zero bit (Z) is
set.
Words:
1
Cycles:
1
Example
CLRW
Before Instruction
W
=
0x5A
After Instruction
W
=
0x00
Z=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com