Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628-20E/SS Datasheet(PDF) 122 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 122 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 118Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 119Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 120Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 121Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 122Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 123Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 124Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 125Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 160 page
background image
PIC16F62X
DS40300B-page 122
Preliminary
© 1999 Microchip Technology Inc.
RETURN
Return from Subroutine
Syntax:
[
label ]
RETURN
Operands:
None
Operation:
TOS
→ PC
Status Affected:
None
Encoding:
00
0000
0000
1000
Description:
Return from subroutine. The stack is
POPed and the top of the stack (TOS)
is loaded into the program counter.
This is a two cycle instruction.
Words:
1
Cycles:
2
Example
RETURN
After Interrupt
PC =
TOS
RLF
Rotate Left f through Carry
Syntax:
[
label ]
RLF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Encoding:
00
1101
dfff
ffff
Description:
The contents of register ’f’ are rotated
one bit to the left through the Carry
Flag. If ’d’ is 0 the result is placed in
the W register. If ’d’ is 1 the result is
stored back in register ’f’.
Words:
1
Cycles:
1
Example
RLF
REG1,0
Before Instruction
REG1
=
1110 0110
C
=0
After Instruction
REG1
=
1110 0110
W
=
1100 1100
C
=1
Register f
C
RRF
Rotate Right f through Carry
Syntax:
[
label ]
RRF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Encoding:
00
1100
dfff
ffff
Description:
The contents of register ’f’ are rotated
one bit to the right through the Carry
Flag. If ’d’ is 0 the result is placed in
the W register. If ’d’ is 1 the result is
placed back in register ’f’.
Words:
1
Cycles:
1
Example
RRF
REG1,0
Before Instruction
REG1
=
1110 0110
C
=0
After Instruction
REG1
=
1110 0110
W
=
0111 0011
C
=0
SLEEP
Syntax:
[
label ]
SLEEP
Operands:
None
Operation:
00h
→ WDT,
0
→ WDT prescaler,
1
→ TO,
0
→ PD
Status Affected:
TO, PD
Encoding:
00
0000
0110
0011
Description:
The power-down status bit, PD is
cleared. Time-out status bit, TO is
set. Watchdog Timer and its
prescaler are cleared.
The processor is put into SLEEP
mode with the oscillator stopped.
See Section 14.9 for more details.
Words:
1
Cycles:
1
Example:
SLEEP
Register f
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com