Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628-20E/SS Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 143Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 144Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 145Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 146Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 147Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 148Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 149Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 150Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 147
PIC16F62X
19.0
PACKAGING INFORMATION
19.1
Package Marking Information
20-Lead SSOP
XXXXXXXXXX
AABBCDE
XXXXXXXXXX
18-Lead SOIC (.300")
XXXXXXXXXXXX
AABBCDE
XXXXXXXXXXXX
XXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
AABBCDE
18-Lead PDIP
Example
-04I / 218
9951 CBP
PIC16F627
Example
-04I / S0218
9918 CDK
PIC16F627
PIC16F627
-04I / P456
9923 CBA
Example
Legend: MM...M
Microchip part number information
XX...X
Customer specific information*
AA
Year code (last 2 digits of calendar year)
BB
Week code (week of January 1 is week ‘01’)
C
Facility code of the plant at which wafer is manufactured
O = Outside Vendor
C = 5” Line
S = 6” Line
H = 8” Line
D
Mask revision number
E
Assembly code of the plant or country of origin in which
part was assembled
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week code, facility code, mask
rev#, and assembly code. For OTP marking beyond this, certain price adders apply. Please check with
your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com