Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

16F873 Datasheet(PDF) 48 Page - Microchip Technology

Part # 16F873
Description  28/40-pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F873 Datasheet(HTML) 48 Page - Microchip Technology

Back Button 16F873 Datasheet HTML 44Page - Microchip Technology 16F873 Datasheet HTML 45Page - Microchip Technology 16F873 Datasheet HTML 46Page - Microchip Technology 16F873 Datasheet HTML 47Page - Microchip Technology 16F873 Datasheet HTML 48Page - Microchip Technology 16F873 Datasheet HTML 49Page - Microchip Technology 16F873 Datasheet HTML 50Page - Microchip Technology 16F873 Datasheet HTML 51Page - Microchip Technology 16F873 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 218 page
background image
PIC16F87X
DS30292C-page 46
 2001 Microchip Technology Inc.
4.9
FLASH Program Memory Write
Protection
The configuration word contains a bit that write protects
the FLASH program memory, called WRT. This bit can
only be accessed when programming the PIC16F87X
device via ICSP. Once write protection is enabled, only
an erase of the entire device will disable it. When
enabled, write protection prevents any writes to FLASH
program memory. Write protection does not affect pro-
gram memory reads.
TABLE 4-1:
READ/WRITE STATE OF INTERNAL FLASH PROGRAM MEMORY
TABLE 4-2:
REGISTERS ASSOCIATED WITH DATA EEPROM/PROGRAM FLASH
Configuration Bits
Memory Location
Internal
Read
Internal
Write
ICSP Read
ICSP Write
CP1
CP0
WRT
00
x
All program memory
Yes
No
No
No
01
0
Unprotected areas
Yes
No
Yes
No
01
0
Protected areas
Yes
No
No
No
01
1
Unprotected areas
Yes
Yes
Yes
No
01
1
Protected areas
Yes
No
No
No
10
0
Unprotected areas
Yes
No
Yes
No
10
0
Protected areas
Yes
No
No
No
10
1
Unprotected areas
Yes
Yes
Yes
No
10
1
Protected areas
Yes
No
No
No
11
0
All program memory
Yes
No
Yes
Yes
11
1
All program memory
Yes
Yes
Yes
Yes
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all other
RESETS
0Bh, 8Bh,
10Bh, 18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
10Dh
EEADR
EEPROM Address Register, Low Byte
xxxx xxxx
uuuu uuuu
10Fh
EEADRH
—
—
—
EEPROM Address, High Byte
xxxx xxxx
uuuu uuuu
10Ch
EEDATA
EEPROM Data Register, Low Byte
xxxx xxxx
uuuu uuuu
10Eh
EEDATH
—
—
EEPROM Data Register, High Byte
xxxx xxxx
uuuu uuuu
18Ch
EECON1
EEPGD
—
—
—
WRERR
WREN
WR
RD
x--- x000
x--- u000
18Dh
EECON2 EEPROM Control Register2 (not a physical register)
——
8Dh
PIE2
—
(1)
—
EEIE
BCLIE
—
—
CCP2IE -r-0 0--0
-r-0 0--0
0Dh
PIR2
—
(1)
—
EEIF
BCLIF
—
—
CCP2IF -r-0 0--0
-r-0 0--0
Legend:
x
= unknown, u = unchanged, r = reserved, - = unimplemented, read as '0'.
Shaded cells are not used during FLASH/EEPROM access.
Note 1: These bits are reserved; always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com