Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

16F873 Datasheet(PDF) 81 Page - Microchip Technology

Part # 16F873
Description  28/40-pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F873 Datasheet(HTML) 81 Page - Microchip Technology

Back Button 16F873 Datasheet HTML 77Page - Microchip Technology 16F873 Datasheet HTML 78Page - Microchip Technology 16F873 Datasheet HTML 79Page - Microchip Technology 16F873 Datasheet HTML 80Page - Microchip Technology 16F873 Datasheet HTML 81Page - Microchip Technology 16F873 Datasheet HTML 82Page - Microchip Technology 16F873 Datasheet HTML 83Page - Microchip Technology 16F873 Datasheet HTML 84Page - Microchip Technology 16F873 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 218 page
background image
 2001 Microchip Technology Inc.
DS30292C-page 79
PIC16F87X
9.2.7
I2C MASTER MODE SUPPORT
Master mode is enabled by setting and clearing the
appropriate SSPM bits in SSPCON and by setting the
SSPEN bit. Once Master mode is enabled, the user
has six options:
• Assert a START condition on SDA and SCL.
• Assert a Repeated START condition on SDA and
SCL.
• Write to the SSPBUF register initiating transmis-
sion of data/address.
• Generate a STOP condition on SDA and SCL.
• Configure the I2C port to receive data.
• Generate an Acknowledge condition at the end of
a received byte of data.
9.2.7.1
I2C Master Mode Operation
The master device generates all of the serial clock
pulses and the START and STOP conditions. A trans-
fer is ended with a STOP condition or with a Repeated
START condition. Since the Repeated START condi-
tion is also the beginning of the next serial transfer, the
I2C bus will not be released.
In Master Transmitter mode, serial data is output through
SDA, while SCL outputs the serial clock. The first byte
transmitted contains the slave address of the receiving
device (7 bits) and the Read/Write (R/W) bit. In this case,
the R/W bit will be logic '0'. Serial data is transmitted 8 bits
at a time. After each byte is transmitted, an Acknowledge
bit is received. START and STOP conditions are output
to indicate the beginning and the end of a serial transfer.
In Master Receive mode, the first byte transmitted con-
tains the slave address of the transmitting device
(7 bits) and the R/W bit. In this case, the R/W bit will be
logic '1'. Thus, the first byte transmitted is a 7-bit slave
address followed by a '1' to indicate receive bit. Serial
data is received via SDA, while SCL outputs the serial
clock. Serial data is received 8 bits at a time. After each
byte is received, an Acknowledge bit is transmitted.
START and STOP conditions indicate the beginning
and end of transmission.
The baud rate generator used for SPI mode operation
is now used to set the SCL clock frequency for either
100 kHz, 400 kHz, or 1 MHz I2C operation. The baud
rate generator reload value is contained in the lower 7
bits of the SSPADD register. The baud rate generator
will automatically begin counting on a write to the
SSPBUF. Once the given operation is complete (i.e.,
transmission of the last data bit is followed by ACK), the
internal clock will automatically stop counting and the
SCL pin will remain in its last state.
A typical transmit sequence would go as follows:
a)
User generates a START condition by setting
the START enable bit (SEN) in SSPCON2.
b)
SSPIF is set. The module will wait the required
start time before any other operation takes place.
c)
User loads SSPBUF with address to transmit.
d)
Address is shifted out the SDA pin until all 8 bits
are transmitted.
e)
MSSP module shifts in the ACK bit from the
slave device and writes its value into the
SSPCON2 register (SSPCON2<6>).
f)
MSSP module generates an interrupt at the end
of the ninth clock cycle by setting SSPIF.
g)
User loads SSPBUF with eight bits of data.
h)
DATA is shifted out the SDA pin until all 8 bits are
transmitted.
i)
MSSP module shifts in the ACK bit from the
slave device, and writes its value into the
SSPCON2 register (SSPCON2<6>).
j)
MSSP module generates an interrupt at the end
of the ninth clock cycle by setting the SSPIF bit.
k)
User generates a STOP condition by setting the
STOP enable bit, PEN, in SSPCON2.
l)
Interrupt is generated once the STOP condition
is complete.
9.2.8
BAUD RATE GENERATOR
In I2C Master mode, the reload value for the BRG is
located in the lower 7 bits of the SSPADD register
(Figure 9-10). When the BRG is loaded with this value,
the BRG counts down to 0 and stops until another reload
has taken place. The BRG count is decremented twice
per instruction cycle (TCY), on the Q2 and Q4 clock.
In I2C Master mode, the BRG is reloaded automatically. If
clock arbitration is taking place, the BRG will be reloaded
when the SCL pin is sampled high (Figure 9-11).
FIGURE 9-10:
BAUD RATE GENERATOR
BLOCK DIAGRAM
Note:
The MSSP Module, when configured in I2C
Master mode, does not allow queueing of
events. For instance, the user is not
allowed to initiate a START condition and
immediately write the SSPBUF register to
initiate transmission before the START
condition is complete. In this case, the
SSPBUF will not be written to and the
WCOL bit will be set, indicating that a write
to the SSPBUF did not occur.
Note:
Baud Rate = FOSC / (4 * (SSPADD + 1) )
SSPM3:SSPM0
BRG Down Counter
CLKOUT
FOSC/4
SSPADD<6:0>
SSPM3:SSPM0
SCL
Reload
Control
Reload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com