Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C42A-08/P Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC17C42A-08/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C42A-08/P Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC17C42A-08/P Datasheet HTML 29Page - Microchip Technology PIC17C42A-08/P Datasheet HTML 30Page - Microchip Technology PIC17C42A-08/P Datasheet HTML 31Page - Microchip Technology PIC17C42A-08/P Datasheet HTML 32Page - Microchip Technology PIC17C42A-08/P Datasheet HTML 33Page - Microchip Technology PIC17C42A-08/P Datasheet HTML 34Page - Microchip Technology PIC17C42A-08/P Datasheet HTML 35Page - Microchip Technology PIC17C42A-08/P Datasheet HTML 36Page - Microchip Technology PIC17C42A-08/P Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 33
PIC17C4X
FIGURE 6-5:
PIC17C42 REGISTER FILE
MAP
Addr Unbanked
00h
INDF0
01h
FSR0
02h
PCL
03h
PCLATH
04h
ALUSTA
05h
T0STA
06h
CPUSTA
07h
INTSTA
08h
INDF1
09h
FSR1
0Ah
WREG
0Bh
TMR0L
0Ch
TMR0H
0Dh
TBLPTRL
0Eh
TBLPTRH
0Fh
BSR
Bank 0
Bank 1 (1)
Bank 2 (1)
Bank 3 (1)
10h
PORTA
DDRC
TMR1
PW1DCL
11h
DDRB
PORTC
TMR2
PW2DCL
12h
PORTB
DDRD
TMR3L
PW1DCH
13h
RCSTA
PORTD
TMR3H
PW2DCH
14h
RCREG
DDRE
PR1
CA2L
15h
TXSTA
PORTE
PR2
CA2H
16h
TXREG
PIR
PR3L/CA1L
TCON1
17h
SPBRG
PIE
PR3H/CA1H
TCON2
18h
1Fh
General
Purpose
RAM
20h
FFh
Note 1: SFR file locations 10h - 17h are banked. All
other SFRs ignore the Bank Select Register
(BSR) bits.
FIGURE 6-6:
PIC17CR42/42A/43/R43/44
REGISTER FILE MAP
Addr Unbanked
00h
INDF0
01h
FSR0
02h
PCL
03h
PCLATH
04h
ALUSTA
05h
T0STA
06h
CPUSTA
07h
INTSTA
08h
INDF1
09h
FSR1
0Ah
WREG
0Bh
TMR0L
0Ch
TMR0H
0Dh
TBLPTRL
0Eh
TBLPTRH
0Fh
BSR
Bank 0
Bank 1 (1)
Bank 2 (1)
Bank 3 (1)
10h
PORTA
DDRC
TMR1
PW1DCL
11h
DDRB
PORTC
TMR2
PW2DCL
12h
PORTB
DDRD
TMR3L
PW1DCH
13h
RCSTA
PORTD
TMR3H
PW2DCH
14h
RCREG
DDRE
PR1
CA2L
15h
TXSTA
PORTE
PR2
CA2H
16h
TXREG
PIR
PR3L/CA1L
TCON1
17h
SPBRG
PIE
PR3H/CA1H
TCON2
18h
PRODL
19h
PRODH
1Ah
1Fh
General
Purpose
RAM
(2)
20h
FFh
General
Purpose
RAM
(2)
Note 1: SFR file locations 10h - 17h are banked. All
other SFRs ignore the Bank Select Register
(BSR) bits.
2: General Purpose Registers (GPR) locations
20h - FFh and 120h - 1FFh are banked. All
other GPRs ignore the Bank Select Register
(BSR) bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com