Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C42A-08/P Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC17C42A-08/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C42A-08/P Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC17C42A-08/P Datasheet HTML 79Page - Microchip Technology PIC17C42A-08/P Datasheet HTML 80Page - Microchip Technology PIC17C42A-08/P Datasheet HTML 81Page - Microchip Technology PIC17C42A-08/P Datasheet HTML 82Page - Microchip Technology PIC17C42A-08/P Datasheet HTML 83Page - Microchip Technology PIC17C42A-08/P Datasheet HTML 84Page - Microchip Technology PIC17C42A-08/P Datasheet HTML 85Page - Microchip Technology PIC17C42A-08/P Datasheet HTML 86Page - Microchip Technology PIC17C42A-08/P Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 83
PIC17C4X
13.0
UNIVERSAL SYNCHRONOUS
ASYNCHRONOUS RECEIVER
TRANSMITTER (USART)
MODULE
The USART module is a serial I/O module. The USART
can be configured as a full duplex asynchronous sys-
tem that can communicate with peripheral devices such
as CRT terminals and personal computers, or it can be
configured as a half duplex synchronous system that
can communicate with peripheral devices such as A/D
or D/A integrated circuits, Serial EEPROMs etc. The
USART can be configured in the following modes:
• Asynchronous (full duplex)
• Synchronous - Master (half duplex)
• Synchronous - Slave (half duplex)
The SPEN (RCSTA<7>) bit has to be set in order to
configure RA4 and RA5 as the Serial Communication
Interface.
The USART module will control the direction of the
RA4/RX/DT and RA5/TX/CK pins, depending on the
states of the USART configuration bits in the RCSTA
and TXSTA registers. The bits that control I/O direction
are:
• SPEN
• TXEN
• SREN
• CREN
• CSRC
The Transmit Status And Control Register is shown in
Figure 13-1, while the Receive Status And Control
Register is shown in Figure 13-2.
FIGURE 13-1: TXSTA REGISTER (ADDRESS: 15h, BANK 0)
R/W - 0
R/W - 0
R/W - 0
R/W - 0
U - 0
U - 0
R - 1
R/W - x
CSRC
TX9
TXEN
SYNC
—
—
TRMT
TX9D
R = Readable bit
W = Writable bit
-n = Value at POR reset
(x = unknown)
bit7
bit0
bit 7:
CSRC: Clock Source Select bit
Synchronous mode:
1 = Master Mode (Clock generated internally from BRG)
0 = Slave mode (Clock from external source)
Asynchronous mode:
Don’t care
bit 6:
TX9: 9-bit Transmit Enable bit
1 = Selects 9-bit transmission
0 = Selects 8-bit transmission
bit 5:
TXEN: Transmit Enable bit
1 = Transmit enabled
0 = Transmit disabled
SREN/CREN overrides TXEN in SYNC mode
bit 4:
SYNC: USART mode Select bit
(Synchronous/Asynchronous)
1 = Synchronous mode
0 = Asynchronous mode
bit 3-2:
Unimplemented: Read as '0'
bit 1:
TRMT: Transmit Shift Register (TSR) Empty bit
1 = TSR empty
0 = TSR full
bit 0:
TX9D: 9th bit of transmit data (can be used to calculated the parity in software)
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com