Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C71-04/SS Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC16C71-04/SS
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C71-04/SS Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC16C71-04/SS Datasheet HTML 34Page - Microchip Technology PIC16C71-04/SS Datasheet HTML 35Page - Microchip Technology PIC16C71-04/SS Datasheet HTML 36Page - Microchip Technology PIC16C71-04/SS Datasheet HTML 37Page - Microchip Technology PIC16C71-04/SS Datasheet HTML 38Page - Microchip Technology PIC16C71-04/SS Datasheet HTML 39Page - Microchip Technology PIC16C71-04/SS Datasheet HTML 40Page - Microchip Technology PIC16C71-04/SS Datasheet HTML 41Page - Microchip Technology PIC16C71-04/SS Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 176 page
background image
PIC16C71X
DS30272A-page 38
© 1997 Microchip Technology Inc.
FIGURE 7-2:
ADCON0 REGISTER (ADDRESS 1Fh), PIC16C715
FIGURE 7-3:
ADCON1 REGISTER, PIC16C710/71/711 (ADDRESS 88h),
PIC16C715 (ADDRESS 9Fh)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
ADCS1 ADCS0
—
CHS1
CHS0
GO/DONE
—
ADON
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7-6:
ADCS1:ADCS0: A/D Conversion Clock Select bits
00
= FOSC/2
01
= FOSC/8
10
= FOSC/32
11
= FRC (clock derived from an RC oscillation)
bit 5:
Unused
bit 6-3:
CHS1:CHS0: Analog Channel Select bits
000
= channel 0, (RA0/AN0)
001
= channel 1, (RA1/AN1)
010
= channel 2, (RA2/AN2)
011
= channel 3, (RA3/AN3)
100
= channel 0, (RA0/AN0)
101
= channel 1, (RA1/AN1)
110
= channel 2, (RA2/AN2)
111
= channel 3, (RA3/AN3)
bit 2:
GO/DONE: A/D Conversion Status bit
If ADON = 1
1 = A/D conversion in progress (setting this bit starts the A/D conversion)
0 = A/D conversion not in progress (This bit is automatically cleared by hardware when the A/D conver-
sion is complete)
bit 1:
Unimplemented: Read as '0'
bit 0:
ADON: A/D On bit
1 = A/D converter module is operating
0 = A/D converter module is shutoff and consumes no operating current
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
—
—
—
—
—
—
PCFG1
PCFG0
R = Readable bit
W = Writable bit
U = Unimplemented
bit, read as ‘0’
- n =Value at POR reset
bit7
bit0
bit 7-2:
Unimplemented: Read as '0'
bit 1-0:
PCFG1:PCFG0: A/D Port Configuration Control bits
A = Analog input
D = Digital I/O
PCFG1:PCFG0
RA1 & RA0
RA2
RA3
VREF
00
A
A
A
VDD
01
A
A
VREF
RA3
10
A
D
D
VDD
11
D
D
D
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com