Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C71-04/SS Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16C71-04/SS
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C71-04/SS Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16C71-04/SS Datasheet HTML 85Page - Microchip Technology PIC16C71-04/SS Datasheet HTML 86Page - Microchip Technology PIC16C71-04/SS Datasheet HTML 87Page - Microchip Technology PIC16C71-04/SS Datasheet HTML 88Page - Microchip Technology PIC16C71-04/SS Datasheet HTML 89Page - Microchip Technology PIC16C71-04/SS Datasheet HTML 90Page - Microchip Technology PIC16C71-04/SS Datasheet HTML 91Page - Microchip Technology PIC16C71-04/SS Datasheet HTML 92Page - Microchip Technology PIC16C71-04/SS Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 89
PIC16C71X
Applicable Devices
710 71 711 715
11.0
ELECTRICAL CHARACTERISTICS FOR PIC16C710 AND PIC16C711
Absolute Maximum Ratings †
Ambient temperature under bias................................................................................................................. -55 to +125˚C
Storage temperature .............................................................................................................................. -65˚C to +150˚C
Voltage on any pin with respect to VSS (except VDD, MCLR, and RA4).......................................... -0.3V to (VDD + 0.3V)
Voltage on VDD with respect to VSS ........................................................................................................... -0.3 to +7.5V
Voltage on MCLR with respect to VSS................................................................................................................0 to +14V
Voltage on RA4 with respect to Vss ...................................................................................................................0 to +14V
Total power dissipation (Note 1) ................................................................................................................................1.0W
Maximum current out of VSS pin ...........................................................................................................................300 mA
Maximum current into VDD pin ..............................................................................................................................250 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
.....................................................................................................................± 20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
.............................................................................................................± 20 mA
Maximum output current sunk by any I/O pin..........................................................................................................25 mA
Maximum output current sourced by any I/O pin ....................................................................................................25 mA
Maximum current sunk by PORTA ........................................................................................................................200 mA
Maximum current sourced by PORTA ...................................................................................................................200 mA
Maximum current sunk by PORTB ........................................................................................................................200 mA
Maximum current sourced by PORTB...................................................................................................................200 mA
Note 1: Power dissipation is calculated as follows: Pdis = VDD x {IDD -
∑ IOH} + ∑ {(VDD - VOH) x IOH} + ∑(VOl x IOL)
TABLE 11-1:
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
OSC
PIC16C710-04
PIC16C711-04
PIC16C710-10
PIC16C711-10
PIC16C710-20
PIC16C711-20
PIC16LC710-04
PIC16LC711-04
PIC16C710/JW
PIC16C711/JW
RC
VDD: 4.0V to 6.0V
IDD: 5 mA max. at 5.5V
IPD: 21
µA max. at 4V
Freq:4 MHz max.
VDD: 4.5V to 5.5V
IDD: 2.7 mA typ. at 5.5V
IPD: 1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD: 4.5V to 5.5V
IDD: 2.7 mA typ. at 5.5V
IPD: 1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD: 2.5V to 6.0V
IDD: 3.8 mA typ. at 3.0V
IPD: 5.0
µA typ. at 3V
Freq: 4 MHz max.
VDD: 4.0V to 6.0V
IDD: 5 mA max. at 5.5V
IPD: 21
µA max. at 4V
Freq:4 MHz max.
XT
VDD: 4.0V to 6.0V
IDD: 5 mA max. at 5.5V
IPD: 21
µA max. at 4V
Freq: 4 MHz max.
VDD: 4.5V to 5.5V
IDD: 2.7 mA typ. at 5.5V
IPD: 1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD: 4.5V to 5.5V
IDD: 2.7 mA typ. at 5.5V
IPD: 1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD: 2.5V to 6.0V
IDD: 3.8 mA typ. at 3.0V
IPD: 5.0
µA typ. at 3V
Freq: 4 MHz max.
VDD: 4.0V to 6.0V
IDD: 5 mA max. at 5.5V
IPD: 21
µA max. at 4V
Freq: 4 MHz max.
HS
VDD: 4.5V to 5.5V
VDD: 4.5V to 5.5V
VDD: 4.5V to 5.5V
Not recommended for
use in HS mode
VDD: 4.5V to 5.5V
IDD: 13.5 mA typ. at
5.5V
IDD: 30 mA max. at
5.5V
IDD: 30 mA max. at
5.5V
IDD: 30 mA max. at
5.5V
IPD: 1.5
µA typ. at 4.5V IPD: 1.5 µA typ. at 4.5V IPD: 1.5 µA typ. at 4.5V
IPD: 1.5
µA typ. at 4.5V
Freq: 4 MHz max.
Freq: 10 MHz max.
Freq:20 MHz max.
Freq: 10 MHz max.
LP
VDD: 4.0V to 6.0V
IDD: 52.5
µA typ. at
32 kHz, 4.0V
IPD: 0.9
µA typ. at 4.0V
Freq: 200 kHz max.
Not recommended for
use in LP mode
Not recommended for
use in LP mode
VDD: 2.5V to 6.0V
IDD: 48
µA max. at
32 kHz, 3.0V
IPD: 5.0
µA max. at 3.0V
Freq: 200 kHz max.
VDD: 2.5V to 6.0V
IDD: 48
µA max. at
32 kHz, 3.0V
IPD: 5.0
µA max. at
3.0V
Freq: 200 kHz max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com