Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C641-04/SP Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC16C641-04/SP
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04/SP Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC16C641-04/SP Datasheet HTML 27Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 28Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 29Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 30Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 31Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 32Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 33Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 34Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 136 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS30559A-page 31
PIC16C64X & PIC16C66X
FIGURE 5-4:
BLOCK DIAGRAM OF RA4 PIN
TABLE 5-1:
PORTA FUNCTIONS
TABLE 5-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Name
Bit #
Buffer
Type
Function
RA0/AN0
bit0
ST
Input/output or comparator input.
RA1/AN1
bit1
ST
Input/output or comparator input.
RA2/AN2/VREF
bit2
ST
Input/output or comparator input or VREF output.
RA3/AN3
bit3
ST
Input/output or comparator input/output.
RA4/T0CKI
bit4
ST
Input/output or external clock input for TMR0 or comparator output. Out-
put is open drain type.
RA5
bit5
ST
Input/output.
Legend: ST = Schmitt Trigger input
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all other
resets
05h
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--xx 0000
--uu 0000
85h
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0 --11 1111
--11 1111
1Fh
CMCON
C2OUT
C1OUT
—
—
CIS
CM2
CM1
CM0
00-- 0000
00-- 0000
9Fh
VRCON
VREN
VROE
VRR
—
VR3
VR2
VR1
VR0
000- 0000
000- 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented locations read as ‘0’. Shaded cells are not used by PORTA.
Data
bus
Q
D
Q
CK
N
WR
Port
WR
TRIS
Data Latch
TRIS Latch
RD TRIS
RD PORT
VSS
RA4 Pin
Q
D
Q
CK
D
Q
EN
TMR0 Clock Input
Schmitt Trigger
Input Buffer
Comparator Output
Comparator Mode = 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com