Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C641-04/SP Datasheet(PDF) 63 Page - Microchip Technology

Part # PIC16C641-04/SP
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04/SP Datasheet(HTML) 63 Page - Microchip Technology

Back Button PIC16C641-04/SP Datasheet HTML 59Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 60Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 61Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 62Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 63Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 64Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 65Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 66Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 136 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS30559A-page 63
PIC16C64X & PIC16C66X
TABLE 9-6:
INITIALIZATION CONDITION FOR REGISTERS
Register
Address
Power-on Reset
Brown-out Reset
Parity Error Reset
MCLR Reset during:
- normal operation
- SLEEP or
WDT Reset
Wake up from SLEEP
through:
- interrupt
- WDT time-out
W-
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
00h
--
-
TMR0
01h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
02h
0000 0000
0000 0000
PC + 1
(2)
STATUS
03h
0001 1xxx
000q quuu
(3)
uuuq quuu
(3)
FSR
04h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
05h
--xx 0000
--xu 0000
--uu uuuu
PORTB
06h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
07h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTD(4)
08h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTE(4)
09h
---- -xxx
---- -uuu
---- -uuu
CMCON
1Fh
00-- 0000
00-- 0000
uu-- uuuu
PCLATH
0Ah
---0 0000
---0 0000
---u uuuu
INTCON
0Bh
0000 000x
0000 000u
uuuu uuuu
(1)
PIR1
0Ch
00-- ----
00-- ----
uu-- ----
(1)
OPTION
81h
1111 1111
1111 1111
uuuu uuuu
TRISA
85h
--11 1111
--11 1111
--uu uuuu
TRISB
86h
1111 1111
1111 1111
uuuu uuuu
TRISC
87h
1111 1111
1111 1111
uuuu uuuu
TRISD(4)
88h
1111 1111
1111 1111
uuuu uuuu
TRISE(4)
89h
0000 -111
0000 -111
uuuu -uuu
PIE1
8Ch
00-- ----
00-- ----
uu-- ----
PCON
8Eh
u--- -qqq
u--- -uuu
u--- -uuu
VRCON
9Fh
000- 0000
000- 0000
uuu- uuuu
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’,q = value depends on condition.
Note 1: One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt
vector (0004h).
3: See Table 9-5 for reset value for specific condition.
4: These registers are associated with the Parallel Slave Port and are not implemented on the PIC16C641/642.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com