Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C641-04/SP Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC16C641-04/SP
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04/SP Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC16C641-04/SP Datasheet HTML 98Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 99Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 100Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 101Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 102Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 103Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 104Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 105Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 136 page
background image
PIC16C64X & PIC16C66X
DS30559A-page 102
Preliminary
© 1996 Microchip Technology Inc.
FIGURE 12-7: PARALLEL SLAVE PORT TIMING (PIC16C661 AND PIC16C662)
TABLE 12-8:
PARALLEL SLAVE PORT REQUIREMENTS (PIC16C661 AND PIC16C662)
Parameter
No.
Sym
Characteristic
Min Typ† Max Units
Conditions
62
TdtV2wrH Data in valid before WR
↑ or CS↑ (setup time)
20
—
—
ns
63*
TwrH2dtI
WR
↑ or CS↑ to data–in invalid (hold time) PIC16C66X
20
—
—
ns
PIC16LC66X
35
—
—
ns
64
TrdL2dtV
RD
↓ and CS↓ to data–out valid
—
—
80
ns
65
TrdH2dtI
RD
↑ or CS↓ to data–out invalid
10
—
30
ns
†
Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note: Refer to Figure 12-1 for load conditions
RE2/CS
RE0/RD
RE1/WR
RD7:RD0
62
63
64
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com