Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2657MTC/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2657MTC/NOPB
Description  LM2657 Dual Synchronous Buck Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2657MTC/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM2657MTC/NOPB Datasheet HTML 1Page - Texas Instruments LM2657MTC/NOPB Datasheet HTML 2Page - Texas Instruments LM2657MTC/NOPB Datasheet HTML 3Page - Texas Instruments LM2657MTC/NOPB Datasheet HTML 4Page - Texas Instruments LM2657MTC/NOPB Datasheet HTML 5Page - Texas Instruments LM2657MTC/NOPB Datasheet HTML 6Page - Texas Instruments LM2657MTC/NOPB Datasheet HTML 7Page - Texas Instruments LM2657MTC/NOPB Datasheet HTML 8Page - Texas Instruments LM2657MTC/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
SENSE1
1
FB1
2
COMP1
SS1
4
VDD
5
FREQ
6
SGND
7
EN
8
PGOOD
9
FPWM
10
SS2
11
COMP2
12
FB2
13
SENSE2
14
ILIM1
SW1
HDRV1
BOOT1
PGND1
LDRV1
VIN
V5
LDRV2
PGND2
BOOT2
HDRV2
SW2
ILIM2
3
28
27
26
25
24
23
22
21
20
19
18
17
16
15
5V
FPWM
VRON
R18
R17
POK
R20
R19
R1
C29
C16
(C15)
R22
(R16)
R21
(R15)
R23
(R14)
C17
(C14)
C25
(C22)
C26
(C23)
C31
C6 (C5)
C7 (C4)
R9 (R6)
R8 (R7)
Q2
(Q5)
Q1
(Q4)
C32
(C1)
L1
(L2)
Vo1
(Vo2)
D2
(D1)
C30
(C28)
VIN
FPWM
EN
PGOOD
VDD
FREQ
BOOT1 (2)
HDRV1 (2)
SW1 (2)
ILIM1 (2)
LDRV1 (2)
PGND1 (2)
SENSE1 (2)
V5
COMP1 (2)
FB1 (2)
SS1 (2)
SGND
VIN
LM2657
SNVS342B – JANUARY 2005 – REVISED MARCH 2013
www.ti.com
Typical Application (Channel 2 in parenthesis)
Connection Diagram
Figure 1. 28-Pin TSSOP (Top View)
See PW Package
PIN DESCRIPTION
Pin 1, SENSE1: Output voltage sense pin for Channel 1. It is tied directly to the output rail. The SENSE pin voltage is used by the IC,
together with the VIN voltage (Pin 22) to calculate the CCM (continuous conduction mode) duty cycle. This is used by the
IC to set the minimum duty cycle in the SKIP mode to 85% of the CCM value. It is also used to set the adaptive duty
cycle clamp (see Pin 3).
Pin 2, FB1:
Feedback pin for Channel 1. This is the inverting input of the channel’s error amplifier. The voltage on this pin under
regulation is nominally at 0.6V. A ‘Power Good window’ on this pin determines if the output voltage is within regulation
limits (±13%). If the voltage (on either channel) falls outside this window for more than 7µs, ‘Power Not Good’ is signaled
on the PGOOD pin (Pin 9). Additionally, if the FB voltage is above the upper limit, an over-voltage fault condition occurs
which turns on the low-side FET. The part will resume normal operation on the next high side cycle in which no fault is
detected. When single channel operation is desired (one channel is used, the other is disabled), the feedback pins of
both channels must be connected together, near the IC. All other pins specific to the unused channel should be left
floating (not connected to each other, either).
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2657



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com