Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2657MTC/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM2657MTC/NOPB
Description  LM2657 Dual Synchronous Buck Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2657MTC/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2657MTC/NOPB Datasheet HTML 17Page - Texas Instruments LM2657MTC/NOPB Datasheet HTML 18Page - Texas Instruments LM2657MTC/NOPB Datasheet HTML 19Page - Texas Instruments LM2657MTC/NOPB Datasheet HTML 20Page - Texas Instruments LM2657MTC/NOPB Datasheet HTML 21Page - Texas Instruments LM2657MTC/NOPB Datasheet HTML 22Page - Texas Instruments LM2657MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM2657MTC/NOPB Datasheet HTML 24Page - Texas Instruments LM2657MTC/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
IIN = 10
0.5(1 - 0.5) = 10 x 0.5 = 5A
IIN = IOUT
D(1-D)
IIN =
IIN =
(20
2 x 0.33) + (102 x 0.24) - [(20 x 0.33) + (10 x 0.24)]2
(IOUT1
2 x D1) + (I
OUT2
2 x D2) - [I
OUT1 x D1 + IOUT2 x D2]
2
D2 =
= 0.24
VOUT2
VIN
VIN =
= 5.49V
VOUT1
D1
1.8
0.33
=
20
2 + (0.67 x 102)
2 x (20 + (10 x 0.67))
2
D1 =
= 0.33
IOUT1
2 + (y x I
OUT2
2)
2 x (IOUT1 + (IOUT2 x y))
2
D1 =
y =
= 0.67
VOUT2
VOUT1
1.2
1.8
=
LM2657
www.ti.com
SNVS342B – JANUARY 2005 – REVISED MARCH 2013
Example: Consider two channels running at 1.8V/20A and 1.2V/10A. What is the worst case input capacitor
RMS current if the input varies from 5V to 28V?
Step 1: Call the output with the higher voltage as VOUT1 and the other as VOUT2. Then find the ratio ‘y’ as shown
below
(19)
As a check, y should be less than or equal to 1 (since we said VOUT2 ≤ VOUT1) .
Step 2: The equation for the input current reveals that the worst-case occurs when the duty cycle of the first
channel is:
(20)
So
(21)
Therefore, the input voltage to calculate the worst case RMS input current is:
(22)
Step 3: Calculate the duty cycle of the other channel when this happens
(23)
Step 4: Calculate input capacitor RMS current by using the known equation
(24)
Solving
IIN = 8.66A
(25)
Step 5: The current calculated in Step 4 might not be the maximum current provided by the input capacitor. This
is because we have only considered the case when both channels are loaded. In some cases, the maximum
current is drawn from the input capacitor when a single channel is loaded.
Suppose one channel was completely unloaded. So in effect there is only a single output of 1.2V/10A. The
equation for the RMS current through the input capacitor is then
(26)
The function D(1-D) has a maxima at D = 0.5. This would correspond to an input voltage of 1.2V/0.5 = 2.4V
(although the switcher is not operational at this input voltage, we will continue with the calculation). The input
capacitor current at this worst case input voltage would be
(27)
We must always take the higher of the two values calculated to ensure proper component selection.
Note, step 5 is used to calculate the input capacitor current requirements for either single channel operation or
when using separate input capacitors.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2657



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com