Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC620-20/P Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC16LC620-20/P
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC620-20/P Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16LC620-20/P Datasheet HTML 42Page - Microchip Technology PIC16LC620-20/P Datasheet HTML 43Page - Microchip Technology PIC16LC620-20/P Datasheet HTML 44Page - Microchip Technology PIC16LC620-20/P Datasheet HTML 45Page - Microchip Technology PIC16LC620-20/P Datasheet HTML 46Page - Microchip Technology PIC16LC620-20/P Datasheet HTML 47Page - Microchip Technology PIC16LC620-20/P Datasheet HTML 48Page - Microchip Technology PIC16LC620-20/P Datasheet HTML 49Page - Microchip Technology PIC16LC620-20/P Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 108 page
background image
PIC16C62X
DS30235G-page 46
Preliminary
© 1998 Microchip Technology Inc.
9.1
Configuration Bits
The configuration bits can be programmed (read as '0')
or left unprogrammed (read as '1') to select various
device configurations. These bits are mapped in
program memory location 2007h.
The user will note that address 2007h is beyond
the user program memory space. In fact, it belongs
to the special
test/configuration
memory
space
(2000h – 3FFFh), which can be accessed only during
programming.
FIGURE 9-1:
CONFIGURATION WORD
CP1
CP0
(2)
CP1
CP0
(2)
CP1
CP0
(2)
—
BOREN
(1)
CP1
CP0(2) PWRTE(1) WDTE F0SC1
F0SC0
CONFIG
Address
REGISTER:
2007h
bit13
bit0
bit 13-8, CP<1:0>: Code protection bit pairs(2)
5-4:
Code protection for 2K program memory
11
= Program memory code protection off
10
= 0400h-07FFh code protected
01
= 0200h-07FFh code protected
00
= 0000h-07FFh code protected
Code protection for 1K program memory
11
= Program memory code protection off
10
=Program memory code protection on
01
= 0200h-03FFh code protected
00
= 0000h-03FFh code protected
Code protection for 0.5K program memory
11
= Program memory code protection off
10
= Program memory code protection off
01
= Program memory code protection off
00
= 0000h-01FFh code protected
bit 7:
Unimplemented: Read as '1'
bit 6:
BOREN: Brown-out Reset Enable bit (1)
1 = BOR enabled
0 = BOR disabled
bit 3:
PWRTE: Power-up Timer Enable bit (1, 3)
1 = PWRT disabled
0 = PWRT enabled
bit 2:
WDTE: Watchdog Timer Enable bit
1 = WDT enabled
0 = WDT disabled
bit 1-0:
FOSC1:FOSC0: Oscillator Selection bits
11
= RC oscillator
10
= HS oscillator
01
= XT oscillator
00
= LP oscillator
Note 1:
Enabling Brown-out Reset automatically enables Power-up Timer (PWRT) regardless of the value of bit PWRTE. We
recommend that whenever Brown-out Reset is enabled, the Power-up Timer is also enabled.
2:
All of the CP1:CP0 pairs have to be given the same value to enable the code protection scheme listed.
3:
Unprogrammed parts default the Power-up Timer disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com