Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC620-20/P Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC16LC620-20/P
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC620-20/P Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC16LC620-20/P Datasheet HTML 77Page - Microchip Technology PIC16LC620-20/P Datasheet HTML 78Page - Microchip Technology PIC16LC620-20/P Datasheet HTML 79Page - Microchip Technology PIC16LC620-20/P Datasheet HTML 80Page - Microchip Technology PIC16LC620-20/P Datasheet HTML 81Page - Microchip Technology PIC16LC620-20/P Datasheet HTML 82Page - Microchip Technology PIC16LC620-20/P Datasheet HTML 83Page - Microchip Technology PIC16LC620-20/P Datasheet HTML 84Page - Microchip Technology PIC16LC620-20/P Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30235G-page 81
PIC16C62X
12.1
DC CHARACTERISTICS:
PIC16C62X-04 (Commercial, Industrial, Extended)
PIC16C62X-20 (Commercial, Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
–40
°C ≤ TA ≤ +85°C for industrial and
0
°C ≤ TA ≤ +70°C for commercial and
–40
°C ≤ TA ≤ +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ† Max Units
Conditions
D001
D001A
Vdd
Supply Voltage
3.0
4.5
-
-
6.0
5.5
V
V
XT, RC and LP osc configuration
HS osc configuration
D002
Vdr
RAM Data Retention
Voltage (Note 1)
–
1.5*
–
V
Device in SLEEP mode
D003
Vpor
VDD start voltage to
ensure Power-on Reset
–
Vss
–
V
See section on power-on reset for details
D004
Svdd
VDD rise rate to ensure
Power-on Reset
0.05*
–
–
V/ms
See section on power-on reset for details
D005
VBOR
Brown-out Detect Voltage
3.7
3.7
4.0
4.0
4.3
4.4
V
BOREN configuration bit is cleared
(Extended)
D010
D010A
D013
Idd
Supply Current (Note 2)
–
–
–
1.8
35
9.0
3.3
70
20
mA
µA
mA
XT and RC osc configuration
FOSC = 4 MHz, VDD = 5.5V, WDT dis-
abled (Note 4)
LP osc configuration, PIC16C62X-04
only
FOSC = 32 kHz, VDD = 4.0V, WDT dis-
abled
HS osc configuration
FOSC = 20 MHz, VDD = 5.5V, WDT dis-
abled
D020
Ipd
Power Down Current (Note 3)
–
1.0
2.5
15
µA
µA
VDD=4.0V, WDT disabled
(125
°C)
D023
∆IWDT
∆IBOR
∆ICOMP
∆IVREF
WDT Current (Note 5)
Brown-out Reset Current (Note 5)
Comparator Current for each Com-
parator (Note 5)
VREF Current (Note 5)
–
–
–
–
6.0
350
20
25
425
100
300
µA
µA
µA
µA
µA
VDD=4.0V
(125
°C)
BOR enabled, VDD = 5.0V
VDD = 4.0V
VDD = 4.0V
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5.0V, 25
°C, unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1:
This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin loading and
switching rate, oscillator type, internal code execution pattern, and temperature also have an impact on the current con-
sumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tri-stated, pulled to VDD,
MCLR = VDD; WDT enabled/disabled as specified.
3:
The power down current in SLEEP mode does not depend on the oscillator type. Power down current is measured with
the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or VSS.
4:
For RC osc configuration, current through Rext is not included. The current through the resistor can be estimated by the
formula Ir = VDD/2Rext (mA) with Rext in k
Ω.
5:
The
∆ current is the additional current consumed when this peripheral is enabled. This current should be added to the
base IDD or IPD measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com