Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC620-20/SS Datasheet(PDF) 50 Page - Microchip Technology

Part # PIC16LC620-20/SS
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC620-20/SS Datasheet(HTML) 50 Page - Microchip Technology

Back Button PIC16LC620-20/SS Datasheet HTML 46Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 47Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 48Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 49Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 50Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 51Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 52Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 53Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 108 page
background image
PIC16C62X
DS30235G-page 50
Preliminary
© 1998 Microchip Technology Inc.
9.4
Power-on Reset (POR), Power-up
Timer (PWRT), Oscillator Start-up
Timer (OST) and Brown-out Reset
(BOR)
9.4.1
POWER-ON RESET (POR)
The on-chip POR circuit holds the chip in reset until
VDD has reached a high enough level for proper opera-
tion. To take advantage of the POR, just tie the MCLR
pin through a resistor to VDD. This will eliminate exter-
nal RC components usually needed to create Power-on
Reset. A maximum rise time for VDD is required. See
Electrical Specifications for details.
The POR circuit does not produce an internal reset
when VDD declines.
When the device starts normal operation (exits the
reset condition), device operating parameters (voltage,
frequency, temperature, etc.) must be met to ensure
operation. If these conditions are not met, the device
must be held in reset until the operating conditions are
met.
For additional information, refer to Application Note
AN607 “Power-up Trouble Shooting”.
9.4.2
POWER-UP TIMER (PWRT)
The Power-up Timer provides a fixed 72 ms (nominal)
time-out on power-up only, from POR or Brown-out
Reset. The Power-up Timer operates on an internal RC
oscillator. The chip is kept in reset as long as PWRT is
active. The PWRT delay allows the VDD to rise to an
acceptable level. A configuration bit, PWRTE can
disable (if set) or enable (if cleared or programmed) the
Power-up Timer. The Power-up Timer should always be
enabled when Brown-out Reset is enabled.
The Power-Up Time delay will vary from chip to chip
and due to VDD, temperature and process variation.
See DC parameters for details.
9.4.3
OSCILLATOR START-UP TIMER (OST)
The Oscillator Start-Up Timer (OST) provides a 1024
oscillator cycle (from OSC1 input) delay after the
PWRT delay is over. This ensures that the crystal
oscillator or resonator has started and stabilized.
The OST time-out is invoked only for XT, LP and HS
modes and only on power-on reset or wake-up from
SLEEP.
9.4.4
BROWN-OUT RESET (BOR)
The PIC16C62X members have on-chip Brown-out
Reset circuitry. A configuration bit, BOREN, can dis-
able (if clear/programmed) or enable (if set) the
Brown-out Reset circuitry. If VDD falls below 4.0V refer
to VBOR parameter D005(VBOR) for greater than
parameter (TBOR) in Table 12-6, the brown-out situa-
tion will reset the chip. A reset is not guaranteed to
occur if VDD falls below 4.0V for less than parameter
(TBOR).
On any reset (Power-on, Brown-out, Watchdog, etc.)
the chip will remain in Reset until VDD rises above
BVDD. The Power-up Timer will now be invoked and will
keep the chip in reset an additional 72 ms.
If VDD drops below BVDD while the Power-up Timer is
running, the chip will go back into a Brown-out Reset
and the Power-up Timer will be re-initialized. Once VDD
rises above BVDD, the Power-Up Timer will execute a
72 ms reset. The Power-up Timer should always be
enabled when Brown-out Reset is enabled. Figure 9-8
shows typical Brown-out situations.
FIGURE 9-8:
BROWN-OUT SITUATIONS
72 ms
BVDD Max.
BVDD Min.
VDD
Internal
Reset
BVDD Max.
BVDD Min.
VDD
Internal
Reset
72 ms
<72 ms
72 ms
BVDD Max.
BVDD Min.
VDD
Internal
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com