Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC620-20/SS Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC16LC620-20/SS
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC620-20/SS Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC16LC620-20/SS Datasheet HTML 91Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 92Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 93Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 94Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 95Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 96Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 97Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 98Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30235G-page 95
PIC16C62X
14.0
PACKAGING INFORMATION
Package Type:
K04-010 18-Lead Ceramic Dual In-line with Window (JW) – 300 mil
* Controlling Parameter.
n
2
1
R
MIN
Window Length
Window Width
Overall Row Spacing
Radius to Radius Width
Package Width
Package Length
Tip to Seating Plane
Base to Seating Plane
Top of Lead to Seating Plane
Top to Seating Plane
Lead Thickness
Shoulder Radius
Upper Lead Width
Lower Lead Width
Number of Pins
PCB Row Spacing
Dimension Limits
Pitch
Units
eB
W2
W1
L
E
E1
D
A1
A2
A
B
c
R
B1
n
p
0.15
7.24
7.87
0.76
3.33
4.83
0.30
0.38
1.52
0.53
2.59
0.200
0.140
0.385
0.270
0.298
0.900
0.138
0.023
0.111
0.183
0.190
0.130
0.345
0.125
0.255
0.285
0.880
0.015
0.091
0.175
0.210
0.150
0.425
0.150
0.285
0.310
0.920
0.030
0.131
0.190
0.010
0.013
0.055
0.019
0.100
0.300
NOM
0.016
0.008
0.010
0.050
0.098
INCHES*
MAX
18
0.021
0.012
0.015
0.060
0.102
22.86
0.19
0.13
8.76
6.48
7.24
22.35
3.18
0.00
2.31
4.45
0.2
0.14
9.78
10.80
0.21
3.49
6.86
7.56
0.57
2.82
4.64
3.81
23.37
NOM
MILLIMETERS
MIN
0.20
0.25
1.27
0.41
2.49
MAX
0.47
0.25
0.32
1.40
2.54
18
7.62
D
W2
E
W1
c
eB
E1
p
L
A1
B
B1
A
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com