Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPB240N03S4L-R9 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPB240N03S4L-R9
Description  N-channel - Enhancement mode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB240N03S4L-R9 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPB240N03S4L-R9 Datasheet HTML 1Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 2Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 3Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 4Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 5Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 6Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 7Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 8Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IPB240N03S4L-R9
5 Typ. output characteristics
6 Typ. drain-source on-state resistance
I D = f(V DS); T j = 25 °C
R DS(on) = (I D); T j = 25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. drain-source on-state resistance
I D = f(V GS); V DS = 6V
R DS(on) = f(T j); I D = 100 A; V GS = 4.5 V; VGS = 10 V
parameter: T j
0
0.5
1
1.5
2
-60
-20
20
60
100
140
180
T j [°C]
4.5 V
10 V
-55 °C
25 °C
175 °C
0
200
400
600
800
1000
1
2
3
4
5
V GS [V]
2.8 V
3.5 V
4.5 V
10 V
3 V
4 V
0
100
200
300
400
500
600
700
800
900
1000
0
2
4
6
V DS [V]
4 V
4.5 V
10 V
0
2
4
6
8
10
12
14
0
60
120
180
240
I D [A]
3.5 V
3 V
6 V
Rev. 1.1
page 5
2014-04-28



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com